Electronic Components Datasheet Search
  English  ▼

X  

MP3388SGR Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3388SGR
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388SGR Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3388SGR Datasheet HTML 7Page - Monolithic Power Systems MP3388SGR Datasheet HTML 8Page - Monolithic Power Systems MP3388SGR Datasheet HTML 9Page - Monolithic Power Systems MP3388SGR Datasheet HTML 10Page - Monolithic Power Systems MP3388SGR Datasheet HTML 11Page - Monolithic Power Systems MP3388SGR Datasheet HTML 12Page - Monolithic Power Systems MP3388SGR Datasheet HTML 13Page - Monolithic Power Systems MP3388SGR Datasheet HTML 14Page - Monolithic Power Systems MP3388SGR Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP3388S—50V, 8-STRING, STEP-UP, WHITE LED DRIVER
MP3388S Rev.1.01
www.MonolithicPower.com
12
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The user can select either a 625kHz or a 1.25MHz
step-up converter switching frequency. A bi-level
switching frequency selection input (the OSC pin)
sets the internal oscillator frequency. Tie the OSC
pin to GND corresponds for 625kHz, and to VCC
or float for 1.25MHz.
Setting the LED Current
The ISET pin sets the LED string currents to the
same level as per the equation below:
SET
LED
R
V
.
I
21
1
1000
For RSET=60.4kΩ, the LED current is 20mA. Do
not leave the ISET pin open.
Setting the Over-Voltage Protection Threshold
The open string protection is achieved through
OVP. In some cases, an LED string failure results
in a 0V feedback voltage. The MP3388S then
continues boosting the output voltage. OVP
triggers if the output voltage reaches the
programmed OVP threshold.
To ensure proper chip function, set the OVP
setting resistor divider with appropriate values.
Select an OVP threshold about 1.3x higher than
the output voltage for normal operation.
2
2
1
23
1
R
R
R
.
V
OVP
Selecting the Dimming-Control Mode
The MP3388S provides four different dimming
methods:
PWM Dimming Mode with Internal Triangle
Waveform Generator
Apply a 100Hz-to-50kHz square waveform to the
PWMI pin. The internal 400kΩ resistor and the
external capacitor on the PWMO pin filters the
dimming signal to a DC voltage (0.2V to 1.2V).
Then an internal PWM dimming signal whose
frequency is set by a capacitor on the FPWM pin
modulates the DC voltage, where:
FPWM
DPWM
C
F
.
f
5
3
The
minimum
recommended
PWM
signal
amplitude is 2.1V (See Figure 6).
Figure 6: PWM Dimming with Internal Triangle
Waveform Generator
Direct PWM Dimming with Positive Logic
To use a direct external PWM dimming signal,
connect a 100kΩ resistor from the FPWM pin to
GND and apply a 100Hz-to-30kHz (high SW
frequency) PWM dimming signal to the PWMI pin.
The minimum recommended amplitude of the
PWM signal is 1.5V (See Figure 7).
Figure 7: Direct PWM Dimming with Positive
Logic
Table 1 shows the PWM dimming duty range with
different PWM dimming frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com