Electronic Components Datasheet Search
  English  ▼

X  

AA109-310 Datasheet(PDF) 3 Page - Alpha Industries

Part # AA109-310
Description  GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA109-310 Datasheet(HTML) 3 Page - Alpha Industries

  AA109-310 Datasheet HTML 1Page - Alpha Industries AA109-310 Datasheet HTML 2Page - Alpha Industries AA109-310 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC–2.5 GHz
AA109-310
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 3/01A
J1
GND
Pin 1
Pin 32
GND
GND
GND
GND
GND
J2
GND
GND
GND
GND
GND
GND
GND
GND
Vcc
10 k
Ω
47 pF
47 pF
Pin Out
Pin
Symbol
Function
1–4
GND
Ground
5J1
RF Input/Output
6–19
GND
Ground
20
J2
RF Input/Output
21–25
GND
Ground
26
VCC
Supply Voltage
27
SCK
Serial Clock Input
28
SDA
Serial Data Input
29
LE
Latch Enable
30
RST
Reset
31
GND
Ground
32
SOut
Serial Data Output
Parameter
Symbol
Min.
Typ.
Max.
Unit
LE Setup Time
T1
15
ns
SDA Setup Time
T2
15
ns
SDA Hold Time
T3
10
ns
LE Hold Time
T4
10
ns
Clock Period
T5
60
ns
Timing Diagram
LE
SCK
SDA
T1
T2
T3
T5
T4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com