Electronic Components Datasheet Search
  English  ▼

X  

MP3908 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3908
Description  Current Mode PWM Controller with Synchronous Secondary Gate Drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3908 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3908 Datasheet HTML 3Page - Monolithic Power Systems MP3908 Datasheet HTML 4Page - Monolithic Power Systems MP3908 Datasheet HTML 5Page - Monolithic Power Systems MP3908 Datasheet HTML 6Page - Monolithic Power Systems MP3908 Datasheet HTML 7Page - Monolithic Power Systems MP3908 Datasheet HTML 8Page - Monolithic Power Systems MP3908 Datasheet HTML 9Page - Monolithic Power Systems MP3908 Datasheet HTML 10Page - Monolithic Power Systems MP3908 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP3908 – HIGH EFFICIENCY BOOST CONTROLLER
MP3908 Rev.0.9
www.MonolithicPower.com
10
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP3908
DELAY
EN
CSS
COMP
FB
SYNC
ISENSE
GND
VCC
5
7
8
9
6
10
4
3
2
1
VIN
36V to 72V
PGND
EN
D4
11V
Q8
R2
300k
R4
82.5k
R3
20k
R5
10k
R7
910k
C4
NS
C5
10nF
R1
1k
Q1
2N7002
R32
0
R6
51k
R8
30k
D1
200V
R11
499k
R12, 5
C8
330pF
R13, 1k
R31 NS
R14
0
D3
C7
4.7uF
VCC
R9
30k
R10
30k
Np1
Np2
R20
10
R21
976
R25
10k
R26
33.2k
R28
10k
Q7
TLV431/1.24V
R27
10k
Q6
2N3904
R29
NS
C16
10nF
R24
NS
C17
470pF
VOUT
5V@5A
GND
R23
1.5k
R30
100k
C15
33nF
U2
PC817B
NS
T1 8:1:4
T2
R34, 330 D5
R18, 5
R19
3k
D7
15V
Q5
D6
1
23
3
7, 8, 9
10, 11, 12
2
1
5
4
R35
1k
VCC
VCC
Q3
NS
D8
NS
R33
0
R17
200
R16
0.05
Q2
Si7450
D2
R15
470k
C18
1000pF/2000V
R22
204
Q4
NS
SYNC
SYNC
+
Figure 2—MP3908 Isolated Synchronous Flyback Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com