Electronic Components Datasheet Search
  English  ▼

X  

MP4012DS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4012DS
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4012DS Datasheet HTML 8Page - Monolithic Power Systems MP4012DS Datasheet HTML 9Page - Monolithic Power Systems MP4012DS Datasheet HTML 10Page - Monolithic Power Systems MP4012DS Datasheet HTML 11Page - Monolithic Power Systems MP4012DS Datasheet HTML 12Page - Monolithic Power Systems MP4012DS Datasheet HTML 13Page - Monolithic Power Systems MP4012DS Datasheet HTML 14Page - Monolithic Power Systems MP4012DS Datasheet HTML 15Page - Monolithic Power Systems MP4012DS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
12
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The hiccup time of Over Current Protection (Figure
3) can be approximately calculated as:
COMP
hiccup
C
Z
9V-V
t(C
C )
5A
≈
+
μ
Here, VCOMP is the voltage of COMP when fault
condition is detected.
The hiccup time of Over Voltage Protection (Figure
4) can be approximately calculated as:
delay
OVP1
OVP2
O
t0.1 (R
R
) C
≈
×+
×
COMP
hiccup1
C
Z
9V-V
t(C
C )
5A
≈
+
μ
hiccup2
C
Z
8V
t(C
C )
5A
≈
+
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com