Electronic Components Datasheet Search
  English  ▼

X  

MP4031 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4031
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4031 Datasheet HTML 4Page - Monolithic Power Systems MP4031 Datasheet HTML 5Page - Monolithic Power Systems MP4031 Datasheet HTML 6Page - Monolithic Power Systems MP4031 Datasheet HTML 7Page - Monolithic Power Systems MP4031 Datasheet HTML 8Page - Monolithic Power Systems MP4031 Datasheet HTML 9Page - Monolithic Power Systems MP4031 Datasheet HTML 10Page - Monolithic Power Systems MP4031 Datasheet HTML 11Page - Monolithic Power Systems MP4031 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
8
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =120VAC, 7 LEDs in series, IO=350mA, VO=22V, Lm=1.6mH, NP:NS:NAUX =82:16:19, TRIAC
dimmable.
Conducted EMI
Triac Dimming Curve
0
50
100
150
200
250
300
350
400
0.0
20.0 40.0
60.0
80.0 100.0
Performance Data
83.10%
82.60%
81.20%
Efficiency
21.64V
21.65V
21.62V
Vo (V)
0.364A
0.364A
0.36A
Io (A)
11.60%
9.50%
7.00%
THD
0.982
0.99
0.993
PF
9.47W
9.54W
9.58W
Pin (W)
132V
120V
108V
Vin (VAC)
83.10%
82.60%
81.20%
Efficiency
21.64V
21.65V
21.62V
Vo (V)
0.364A
0.364A
0.36A
Io (A)
11.60%
9.50%
7.00%
THD
0.982
0.99
0.993
PF
9.47W
9.54W
9.58W
Pin (W)
132V
120V
108V
Vin (VAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com