Electronic Components Datasheet Search
  English  ▼

X  

TSM4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSM4
Description  5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSM4 Datasheet HTML 1Page - Vishay Siliconix TSM4 Datasheet HTML 2Page - Vishay Siliconix TSM4 Datasheet HTML 3Page - Vishay Siliconix TSM4 Datasheet HTML 4Page - Vishay Siliconix TSM4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM4
www.vishay.com
Vishay Sfernice
Revision: 02-Aug-13
1
Document Number: 51009
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
5 mm Square Surface Mount Miniature Trimmers Multi-Turn
Cermet Sealed
The TSM4 trimming potentiometer has been designed for
surface mount applications and offers volumetric efficiency
5 mm x 5 mm x 3.7 mm with high performance and stability.
The TSM4 design is suitable for both manual or automatic
operation, and can withstand vapor phase and reflow
soldering techniques.
FEATURES
• 0.25 W at 70 °C
• Professional and industrial grade
• Wide ohmic range (10
 to 1 M)
• Low contact resistance variation (2 % or 3
)
• Small size for optimum packaging density
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
TSM4 YL
TSM4 YJ
TSM4 ZL
TSM4 ZJ
RECOMMENDED SOLDERING AREAS
4.8
5.3
1
0.2
1.25
1.25
12
3
3 leads
0.6 x 0.15
5.1
3.5
1.3
Ø 1.5
Slot 0.5 x 0.4
5.1
4.8
5.3
1
0.2
1.25
1.25
12
3
3 leads
0.6 x 0.15
3.8
3.5
0.7
Ø 1.5
Slot 0.5 x 0.4
5.1
0.7
0.7
6.2
0.2
1.25
1
1.25
1
2
3
3 leads
0.6 x 0.15
3.5
4.8
2.3 min.
2.7
Ø 1.5
Slot 0.5 x 0.4
4.6
3.7
0.2
1.25
1
1.25
1
2
3
3 leads
0.6 x 0.15
0.8
3.5
4.8
1.2
min.
2.7
Ø 1.5
Slot 0.5 x 0.4
4.6
3.7
5.1
max.
1.8
1.3
3.8
2.54
2
2
1.8
1.3
2.9
2.54
1.6
1.6
1.8
1.3
5.3
2.3
1.6
2.3
1.8
1.3
4
2.3
2
2


Similar Part No. - TSM4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
20-Oct-04
TSM4 VISHAY-TSM4 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
TSM4 VISHAY-TSM4 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
logo
Taiwan Semiconductor Co...
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ56 TSC-TSM40N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
More results

Similar Description - TSM4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
20-Oct-04
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com