Electronic Components Datasheet Search
  English  ▼

X  

AD767KP Datasheet(PDF) 3 Page - Analog Devices

Part # AD767KP
Description  Microprocessor - Compatible 12-Bit D/A Comverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD767KP Datasheet(HTML) 3 Page - Analog Devices

  AD767KP Datasheet HTML 1Page - Analog Devices AD767KP Datasheet HTML 2Page - Analog Devices AD767KP Datasheet HTML 3Page - Analog Devices AD767KP Datasheet HTML 4Page - Analog Devices AD767KP Datasheet HTML 5Page - Analog Devices AD767KP Datasheet HTML 6Page - Analog Devices AD767KP Datasheet HTML 7Page - Analog Devices AD767KP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD767
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS*
VCC to Power Ground . . . . . . . . . . . . . . . . . . . . .0 V to +18 V
VEE to Power Ground . . . . . . . . . . . . . . . . . . . . . 0 V to –18 V
Digital Inputs (Pins 11, 13–24)
to Power Ground . . . . . . . . . . . . . . . . . . . . –1.0 V to +7.0 V
Ref In to Reference Ground . . . . . . . . . . . . . . . . . . . . . .
±12 V
Bipolar Offset to Reference Ground . . . . . . . . . . . . . . . .
±12 V
10 V Span R to Reference Ground . . . . . . . . . . . . . . . . .
±12 V
20 V Span R to Reference Ground . . . . . . . . . . . . . . . . .
±24 V
Ref Out, VOUT (Pins 6, 9) . . . Indefinite short to power ground
Momentary Short to VCC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
TIMING SPECIFICATIONS
(All Models, TA = 25°C, VCC = +12 V or +15 V,
VEE = –12 V or –15 V)
Symbol
Parameter
Min Typ Max
tDS
Data Valid to End of CS
40
–
–
ns
(–25
°C to +85°C)
60
–
–
ns
(–55
°C to +125°C)
90
–
–
ns
tDH
Data Hold Tiıne
10
–
–
ns
(–25
°C to +85°C)
10
–
–
ns
(–55
°C to +125°C)
20
–
–
ns
tCS
CS
Pulse Width
40
–
–
ns
(–25
°C to +85°C)
60
–
–
ns
(–55
°C to +125°C)
90
–
–
ns
tSETT
Output Voltage Settling Time* –
2
4
µs
*tSETT is measured referenced to the leading edge of tCS. If tCS > tDS, then
tSETT is measured referenced to the beginning of Data Valid.
PIN CONFIGURATION
PLCC
DIP
ORDERING GUIDE
Linearity
Gain T.C.
Temperature
Error Max
Max
Model
1
Package
Range CTMIN–TMAX
ppm/ C
AD767JN
Plastic DIP
0 to +70
±1 LSB
30
AD767JP
PLCC
0 to +70
±1 LSB
30
AD767KN Plastic DIP
0 to +70
±1/2 LSB
15
AD767KP
PLCC
0 to +70
±1/2 LSB
15
AD767AD
Ceramic DIP
–25 to +85
±1 LSB
30
AD767BD
Ceramic DIP
–25 to +85
±1/2 LSB
15
AD767SD/
883B
Ceramic DIP
–55 to +125
Note 2
Note 2
AD767A
Chips
N/A
–25 to +85
±1 LSB
30
NOTES
1D = Ceramic DIP; N = Plastic DIP; P = Plastic Leaded Chip Carrier.
2For details on grade and package offerings screened in accordance with MIL-STD-883, refer to
the Analog Devices Military Products Databook or current AD767/883B data sheet.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com