Electronic Components Datasheet Search
  English  ▼

X  

AFP02N8-213 Datasheet(PDF) 2 Page - Alpha Industries

Part # AFP02N8-213
Description  General Purpose Packaged PHEMT Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AFP02N8-213 Datasheet(HTML) 2 Page - Alpha Industries

  AFP02N8-213 Datasheet HTML 1Page - Alpha Industries AFP02N8-213 Datasheet HTML 2Page - Alpha Industries AFP02N8-213 Datasheet HTML 3Page - Alpha Industries AFP02N8-213 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/99A
General Purpose Packaged PHEMT Chips
AFP02N8-212, AFP02N8-213
0
4
8
12
16
20
24
0
02468
10
12
14
16
18
1
2
3
4
6
5
Frequency (GHz)
RF Minimum Noise Figure (NFMIN) and
Associated Gain (GA) vs. Frequency (GHz)
VDS = 2 V, IDS = 15 mA
GA (dB)
NFMIN (dB)
100
0
1.0
1.5
2.5
0.5
2.0
3.0
50
0
VDS (V)
DC Drain Current (IDS) vs. Drain Voltage (VDS)
as a Function of Gate to Source Voltage (VGS)
0
5
10
15
20
25
30
40
35
IDS (mA)
RF Minimum Noise Figure (NFMIN) and
Associated Gain (GA) vs. Drain Current (IDS)
F = 12 GHz, VDS = 2 V
0
2
4
6
8
10
0
2
4
6
10
8
NFMIN (dB)
GA (dB)
100
0
-2.0
-1.0
0
100
0
50
50
1.0
VGS (V)
VDS = 2 V
DC Drain Current (IDS) and
Transconductance (gm) vs.
Gate to Source Voltage (VGS)
Typical Performance Data
Freq.
NFMIN
ΓΓopt
(GHz)
(dB)
Mag.
Ang.
RN/50
GA (dB)
1
0.75
0.84
25.40
0.12
23.50
2
1.10
0.72
50.20
0.23
18.00
4
1.55
0.54
99.00
0.23
13.20
6
2.00
0.43
145.40
0.15
10.20
8
2.50
0.39
-171.80
0.16
8.10
10
3.00
0.39
-133.60
0.32
6.51
12
3.50
0.43
-100.10
0.66
5.82
14
4.00
0.48
-71.10
1.16
5.20
16
4.50
0.55
-45.90
1.77
4.51
18
5.00
0.60
-23.30
2.38
4.10
Typical Noise Parameters
(VDS = 2 V, IDS = 15 mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com