Electronic Components Datasheet Search
  English  ▼

X  

MCP601 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP601
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP601 Datasheet HTML 6Page - Microchip Technology MCP601 Datasheet HTML 7Page - Microchip Technology MCP601 Datasheet HTML 8Page - Microchip Technology MCP601 Datasheet HTML 9Page - Microchip Technology MCP601 Datasheet HTML 10Page - Microchip Technology MCP601 Datasheet HTML 11Page - Microchip Technology MCP601 Datasheet HTML 12Page - Microchip Technology MCP601 Datasheet HTML 13Page - Microchip Technology MCP601 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP601/1R/2/3/4
DS21314G-page 10
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 50 pF and CS is tied low.
FIGURE 2-31:
Chip Select Pin Input
Current vs. Chip Select Voltage.
FIGURE 2-32:
Hysteresis of Chip Select’s
Internal Switch.
FIGURE 2-33:
The MCP601/1R/2/3/4
family of op amps shows no phase reversal
under input overdrive.
FIGURE 2-34:
Measured Input Current vs.
Input Voltage (below VSS).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Chip Select Voltage (V)
VDD = 5.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0
Chip Select Voltage (V)
VDD = 5.0V
Amplifier Hi-Z
Amplifier On
CS Hi to Low
CS Low to Hi
-1
0
1
2
3
4
5
6
Time (5 µs/div)
VDD = +5.0V
G = +2
VIN
VOUT
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com