Electronic Components Datasheet Search
  English  ▼

X  

MCP1700 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1700
Description  Low Quiescent Current LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1700 Datasheet HTML 1Page - Microchip Technology MCP1700 Datasheet HTML 2Page - Microchip Technology MCP1700 Datasheet HTML 3Page - Microchip Technology MCP1700 Datasheet HTML 4Page - Microchip Technology MCP1700 Datasheet HTML 5Page - Microchip Technology MCP1700 Datasheet HTML 6Page - Microchip Technology MCP1700 Datasheet HTML 7Page - Microchip Technology MCP1700 Datasheet HTML 8Page - Microchip Technology MCP1700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 1
MCP1700
Features
• 1.6 µA Typical Quiescent Current
• Input Operating Voltage Range: 2.3V to 6.0V
• Output Voltage Range: 1.2V to 5.0V
• 250 mA Output Current for output voltages
≥ 2.5V
• 200 mA Output Current for output voltages < 2.5V
• Low Dropout (LDO) voltage
- 178 mV typical @ 250 mA for VOUT = 2.8V
• 0.4% Typical Output Voltage Tolerance
• Standard Output Voltage Options:
- 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
• Stable with 1.0 µF Ceramic Output capacitor
• Short Circuit Protection
• Overtemperature Protection
Applications
• Battery-powered Devices
• Battery-powered Alarm Circuits
• Smoke Detectors
•CO2 Detectors
• Pagers and Cellular Phones
• Smart Battery Packs
• Low Quiescent Current Voltage Reference
•PDAs
• Digital Cameras
• Microcontroller Power
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2002
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766,
Microchip Technology Inc., 2002
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., 2001
General Description
The MCP1700 is a family of CMOS low dropout (LDO)
voltage regulators that can deliver up to 250 mA of
current while consuming only 1.6 µA of quiescent
current (typical). The input operating range is specified
from 2.3V to 6.0V, making it an ideal choice for two and
three primary cell battery-powered applications, as well
as single cell Li-Ion-powered applications.
The MCP1700 is capable of delivering 250 mA with
only 178 mV of input to output voltage differential
(VOUT = 2.8V). The output voltage tolerance of the
MCP1700 is typically ±0.4% at +25°C and ±3%
maximum over the operating junction temperature
range of -40°C to +125°C.
Output voltages available for the MCP1700 range from
1.2V to 5.0V. The LDO output is stable when using only
1 µF output capacitance. Ceramic, tantalum or
aluminum electrolytic capacitors can all be used for
input and output. Overcurrent limit and overtemperature
shutdown provide a robust solution for any application.
Package options include the SOT-23, SOT-89 and
TO-92.
Package Types
1
3
2
VIN
GND VOUT
MCP1700
1
2
3
VIN
GND
VOUT
MCP1700
3-Pin SOT-23
3-Pin SOT-89
3
2
1
GND VIN VOUT
MCP1700
3-Pin TO-92
VIN
Low Quiescent Current LDO


Similar Part No. - MCP1700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700 Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700 Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1202E MICROCHIP-MCP1700-1202E Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700-1202E/TO MICROCHIP-MCP1700-1202E/TO Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
More results

Similar Description - MCP1700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com