Electronic Components Datasheet Search
  English  ▼

X  

MCP1804 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1804 Datasheet HTML 9Page - Microchip Technology MCP1804 Datasheet HTML 10Page - Microchip Technology MCP1804 Datasheet HTML 11Page - Microchip Technology MCP1804 Datasheet HTML 12Page - Microchip Technology MCP1804 Datasheet HTML 13Page - Microchip Technology MCP1804 Datasheet HTML 14Page - Microchip Technology MCP1804 Datasheet HTML 15Page - Microchip Technology MCP1804 Datasheet HTML 16Page - Microchip Technology MCP1804 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22200B-page 13
MCP1804
Note: Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), TA = +25°C, VIN = VR + 2.0V.
FIGURE 2-37:
Startup Response.
FIGURE 2-38:
Startup Response.
FIGURE 2-39:
Startup Response.
FIGURE 2-40:
SHDN Response.
FIGURE 2-41:
SHDN Response.
FIGURE 2-42:
SHDN Response.
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VOUT
V
R=5.0V
IOUT=30 mA
VIN
-15
-10
-5
0
5
10
15
Time (1ms/div)
0
3
6
9
12
15
18
VR=12V
I
OUT=1 mA
VOUT
VIN
-15
-10
-5
0
5
10
15
Time (1ms/div)
0
3
6
9
12
15
18
VR=12V
IOUT=30 mA
VIN
VOUT
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VR=3.3V
IOUT=1 mA
V
OUT
SHDN
-8
-6
-4
-2
0
2
4
6
8
Time (1ms/div)
0
1
2
3
4
5
6
7
8
VR=5V
IOUT=1 mA
VOUT
SHDN
-15
-10
-5
0
5
10
15
Time (1ms/div)
0
3
6
9
12
15
18
V
R=12V
IOUT=1 mA
V
OUT
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com