Electronic Components Datasheet Search
  English  ▼

X  

MCP1824S Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1824S
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824S Datasheet(HTML) 3 Page - Microchip Technology

  MCP1824S Datasheet HTML 1Page - Microchip Technology MCP1824S Datasheet HTML 2Page - Microchip Technology MCP1824S Datasheet HTML 3Page - Microchip Technology MCP1824S Datasheet HTML 4Page - Microchip Technology MCP1824S Datasheet HTML 5Page - Microchip Technology MCP1824S Datasheet HTML 6Page - Microchip Technology MCP1824S Datasheet HTML 7Page - Microchip Technology MCP1824S Datasheet HTML 8Page - Microchip Technology MCP1824S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2007 Microchip Technology Inc.
DS22070A-page 3
MCP1824/MCP1824S
Typical Applications
MCP1824 Adjustable Output Voltage
MCP1824 Fixed Output Voltage
VOUT = 1.8V @ 300 mA
VIN = 2.3V to 2.8V
On
Off
1µF
100 k
Ω
4.7 µF
C1
C2
R1
SHDN
VIN
GND
VOUT
PWRGD
20 k
Ω
R2
VOUT = 1.2V @ 300 mA
VIN = 2.1V to 2.8V
On
Off
1µF
40 k
Ω
4.7 µF
C1
C2
R1
SHDN
VIN
GND
VOUT
VADJ
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com