Electronic Components Datasheet Search
  English  ▼

X  

MCP2120 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP2120
Description  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 5 Page - Microchip Technology

  MCP2120 Datasheet HTML 1Page - Microchip Technology MCP2120 Datasheet HTML 2Page - Microchip Technology MCP2120 Datasheet HTML 3Page - Microchip Technology MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
© 2007 Microchip Technology Inc.
DS21618B-page 5
MCP2120
2.0
DEVICE OPERATION
The MCP2120 is a low cost infrared Encoder/Decoder.
The baud rate is user selectable to standard IrDA baud
rates between 9600 baud to 115.2 kbaud. The maxi-
mum baud rate is 312.5 kbaud.
2.1
Power-up
Any time that the device is powered up, the Device
Reset Timer delay (parameter 32) must occur before
any communication with the device is initiated. This is
from both the infrared transceiver side as well as the
controller UART interface.
2.2
Device Reset
The MCP2120 is forced into the reset state when the
RESET pin is in the low state. After the RESET pin is
brought to a high state, the Device Reset Timer occurs.
Once the DRT times out, normal operation occurs.
2.3
Bit Clock
The device crystal is used to derive the communication
bit clock (BITCLK). There are 16 BITCLKs for each bit
time. The BITCLKs are used for the generation of the
Start bit and the eight data bits. The Stop bit uses the
BITCLK when the data is transmitted (not for recep-
tion).
This clock is a fixed frequency, and has minimal varia-
tion in frequency (specified by crystal manufacturer).
2.4
UART Interface
The UART interface communicates with the "control-
ler". This interface is a Half duplex interface, meaning
that the system is either transmitting or receiving, but
not both at the same time.
2.4.1
BAUD RATE
The baud rate for the MCP2120 can be configured
either by the state of three hardware pins (BAUD2,
BAUD1, and BAUD0) or through software selection.
2.4.1.1
Hardware Selection
Three device pins are used to select the baud rate that
the MCP2120 will transmit and receive data. These
pins are called BAUD2, BAUD1, and BAUD0. There is
one pin state (device mode) where the application soft-
ware can specify the baud rate. Table 2-1 shows the
baud rate configurations.
TABLE 2-1:
HARDWARE BAUD RATE SELECTION VS. FREQUENCY
BAUD2:BAUD0
Frequency (MHz)
Bit Rate
0.6144(1)
2.000
3.6864
4.9152
7.3728
14.7456(2) 20.000(2)
000
800
2604
4800
6400
9600
19200
26042
FOSC / 768
001
1600
5208
9600
12800
19200
38400
52083
FOSC / 384
010
3200
10417
19200
25600
38400
78600
104167
FOSC / 192
011
4800
15625
28800
38400
57600
115200
156250
FOSC / 128
100
9600
31250
57600
78600
115200
230400
312500
FOSC / 64
Note 1: An external clock is recommended for frequencies below 2 MHz.
2: For frequencies above 7.5 MHz, the TXIR pulse width (parameter IR121) will be shorter than the minimum
pulse width of 1.6 µs in the IrDA standard specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com