| Electronic Components Datasheet Search |
|
MCP6291R Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6291R Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 36 page ![]() MCP6291/1R/2/3/4/5 DS21812E-page 16 © 2007 Microchip Technology Inc. 4.9.3.2 Cascaded Gain Figure 4-11 shows a cascaded gain circuit configura- tion with Chip Select. Op amps A and B are configured in a non-inverting amplifier configuration. In this config- uration, it is important to note that the input offset volt- age of op amp A is amplified by the gain of op amp A and B, as shown below: Therefore, it is recommended to set most of the gain with op amp A and use op amp B with relatively small gain (e.g., a unity-gain buffer). FIGURE 4-11: Cascaded Gain Circuit Configuration. 4.9.3.3 Difference Amplifier Figure 4-12 shows op amp A as a difference amplifier with Chip Select. In this configuration, it is recommended to use well-matched resistors (e.g., 0.1%) to increase the Common Mode Rejection Ratio (CMRR). Op amp B can be used for additional gain or as a unity-gain buffer to isolate the load from the difference amplifier. FIGURE 4-12: Difference Amplifier Circuit. 4.9.3.4 Buffered Non-inverting Integrator Figure 4-13 shows a lossy non-inverting integrator that is buffered and has a Chip Select input. Op amp A is configured as a non-inverting integrator. In this config- uration, matching the impedance at each input is recommended. R F is used to provide a feedback loop at frequencies << 1/(2 πR 1C1) and makes this a lossy integrator (it has a finite gain at DC). Op amp B is used to isolate the load from the integrator. FIGURE 4-13: Buffered Non-inverting Integrator with Chip Select. 4.9.3.5 Inverting Integrator with Active Compensation and Chip Select Figure 4-14 uses an active compensator (op amp B) to compensate for the non-ideal op amp characteristics introduced at higher frequencies. This circuit uses op amp B as a unity-gain buffer to isolate the integration capacitor C1 from op amp A and drives the capacitor with low-impedance source. Since both op amps are matched very well, they provide a high quality integrator. FIGURE 4-14: Integrator Circuit with Active Compensation. V OUT V INGAGB V OSAGAGB V OSBGB + + = Where: GA = op amp A gain GB = op amp B gain VOSA = op amp A input offset voltage VOSB = op amp B input offset voltage A B CS R4 R3 R2 R1 VIN VOUT MCP6295 A B CS R2 R1 VIN2 VIN1 R2 R1 VOUT R4 R3 MCP6295 A B CS RF C1 R2 C2 R1 VIN VOUT MCP6295 R 1C1 R 2 R F || ()C 2 = A CS B VIN VOUT R1 C1 MCP6295 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |