Electronic Components Datasheet Search
  English  ▼

X  

MCP6291T Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6291T
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6291T Datasheet(HTML) 2 Page - Microchip Technology

  MCP6291T Datasheet HTML 1Page - Microchip Technology MCP6291T Datasheet HTML 2Page - Microchip Technology MCP6291T Datasheet HTML 3Page - Microchip Technology MCP6291T Datasheet HTML 4Page - Microchip Technology MCP6291T Datasheet HTML 5Page - Microchip Technology MCP6291T Datasheet HTML 6Page - Microchip Technology MCP6291T Datasheet HTML 7Page - Microchip Technology MCP6291T Datasheet HTML 8Page - Microchip Technology MCP6291T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Input Pins .....................................................±2 mA
Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current .................................Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.................................... –65°C to +150°C
Maximum Junction Temperature (TJ) ..........................+150°C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 4 kV; 400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +2.4V to +5.5V, VSS =GND, VOUT ≈ VDD/2,
VCM =VDD/2, VL = VDD/2, RL =10 kΩ to VL and CS is tied low (refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-3.0
—
+3.0
mV
VCM = VSS (Note 1)
Input Offset Voltage
(Extended Temperature)
VOS
-5.0
—
+5.0
mV
TA = -40°C to +125°C,
VCM = VSS (Note 1)
Input Offset Temperature Drift
ΔV
OS/ΔTA
—±1.7
—
µV/°C
TA = -40°C to +125°C,
VCM = VSS (Note 1)
Power Supply Rejection Ratio
PSRR
70
90
—
dB
VCM = VSS (Note 1)
Input Bias, Input Offset Current and Impedance
Input Bias Current
IB
—
±1.0
—
pA
Note 2
At Temperature
IB
—
50
200
pA
TA = +85°C (Note 2)
At Temperature
IB
—2
5nA
TA = +125°C (Note 2)
Input Offset Current
IOS
—
±1.0
—
pA
Note 3
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Note 3
Differential Input Impedance
ZDIFF
—1013||3
—
Ω||pF
Note 3
Common Mode (Note 4)
Common Mode Input Range
VCMR
VSS − 0.3
—
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
70
85
—
dB
VCM = -0.3V to 2.5V, VDD = 5V
Common Mode Rejection Ratio
CMRR
65
80
—
dB
VCM = -0.3V to 5.3V, VDD = 5V
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
90
110
—
dB
VOUT = 0.2V to VDD – 0.2V,
VCM =VSS (Note 1)
Output
Maximum Output Voltage Swing
VOL, VOH
VSS + 15
—
VDD – 15
mV
0.5V Input Overdrive
Output Short Circuit Current
ISC
—±25
—
mA
Power Supply
Supply Voltage
VDD
2.4
—
6.0
V
TA = -40°C to +125°C (Note 5)
Quiescent Current per Amplifier
IQ
0.7
1.0
1.3
mA
IO = 0
Note 1:
The MCP6295’s VCM for op amp B (pins VOUTA/VINB+ and VINB–) is VSS +100 mV.
2:
The current at the MCP6295’s VINB– pin is specified by IB only.
3:
This specification does not apply to the MCP6295’s VOUTA/VINB+ pin.
4:
The MCP6295’s VINB– pin (op amp B) has a common mode range (VCMR) of VSS + 100 mV to VDD – 100 mV.
The MCP6295’s VOUTA/VINB+ pin (op amp B) has a voltage range specified by VOH and VOL.
5:
All parts with date codes November 2007 and later have been screened to ensure operation at VDD = 6.0V. However,
the other minimum and maximum specifications are measured at 2.4V and or 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com