Electronic Components Datasheet Search
  English  ▼

X  

MCP73853 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73853
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73853 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73853 Datasheet HTML 13Page - Microchip Technology MCP73853 Datasheet HTML 14Page - Microchip Technology MCP73853 Datasheet HTML 15Page - Microchip Technology MCP73853 Datasheet HTML 16Page - Microchip Technology MCP73853 Datasheet HTML 17Page - Microchip Technology MCP73853 Datasheet HTML 18Page - Microchip Technology MCP73853 Datasheet HTML 19Page - Microchip Technology MCP73853 Datasheet HTML 20Page - Microchip Technology MCP73853 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 17
MCP73853/55
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost. These
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation
exists when the device has transitioned from the
Preconditioning mode to the Constant-current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging sys-
tem. The following discussion is intended to be a guide
for the component selection process.
6.1.1.1
CURRENT PROGRAMMING RESISTOR
(RPROG)
The preferred fast charge current for Lithium-Ion cells
is at the 1C rate, with an absolute maximum current at
the 2C rate. For example, a 500 mAH battery pack has
a preferred fast charge current of 500 mA. Charging at
this rate provides the shortest charge cycle times
without degradation to the battery pack performance or
life.
400 mA is the typical maximum charge current
obtainable from the MCP7385X devices. For this situa-
tion, the PROG input should be connected directly to
VSS.
6.1.1.2
THERMAL CONSIDERATIONS
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant-current mode. In
this case, the power dissipation is:
Where
VDDMAX is the maximum input voltage
(IREGMAX) is the maximum fast charge current, and
VPTHMIN is the minimum transition threshold voltage.
Power dissipation with a 5V, +/-10% input voltage
source is:
With the battery charger mounted on a 1 in2 pad of
1 oz. copper, the junction temperature rise is approxi-
mately 50°C. This would allow for a maximum operat-
ing ambient temperature of 35°C before thermal
regulation is entered.
6.1.1.3
EXTERNAL CAPACITORS
The MCP7385X devices are stable with or without a
battery load. In order to maintain good AC stability in
the Constant-voltage mode, a minimum capacitance of
4.7 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no battery load. In addition, the battery and intercon-
nections appear inductive at high frequencies. These
elements are in the control feedback loop during
Constant-voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be
used,
independent
of
the
capacitor’s
minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 4.7 µF ceramic,
tantalum or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability for up to
the maximum output current.
6.1.1.4
REVERSE BLOCKING PROTECTION
The MCP7385X devices provide protection from a
faulted or shorted input or from a reversed-polarity
input source. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
6.1.1.5
ENABLE INTERFACE
In the stand-alone configuration, the enable pin is gen-
erally tied to the input voltage. The MCP7385X devices
automatically enter a low power mode when voltage on
the VDD input falls below the UVLO voltage (VSTOP),
reducing the battery drain current to 0.28 µA, typically.
6.1.1.6
CHARGE STATUS INTERFACE
Two status outputs provide information on the state of
charge. The current-limited, open-drain outputs can be
used to illuminate external LEDs. Refer to Table 5-1
and Table 5-2 for a summary of the state of the status
output during a charge cycle.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins.
It is recommended that the designer minimize voltage
drops along the high-current-carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias in the heatsink pad can help conduct more heat to
the backplane of the PCB, thus reducing the maximum
junction temperature.
Pow erDiss ipation
V
DDMAX
V
PTHMIN
–
() I
REGMAX
×
=
PowerD issipation
5.5V
2.7V
–
() 475mA
×
1.33W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com