Electronic Components Datasheet Search
  English  ▼

X  

MCP73855 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73855
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73855 Datasheet HTML 10Page - Microchip Technology MCP73855 Datasheet HTML 11Page - Microchip Technology MCP73855 Datasheet HTML 12Page - Microchip Technology MCP73855 Datasheet HTML 13Page - Microchip Technology MCP73855 Datasheet HTML 14Page - Microchip Technology MCP73855 Datasheet HTML 15Page - Microchip Technology MCP73855 Datasheet HTML 16Page - Microchip Technology MCP73855 Datasheet HTML 17Page - Microchip Technology MCP73855 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MCP73853/55
DS21915A-page 14
 2004 Microchip Technology Inc.
5.1.6
BATTERY VOLTAGE SENSE (VBAT3)
The MCP73853 monitors the battery voltage at the
VBAT3 pin. This input is tied directly to the positive
terminal of the battery pack.
5.1.7
BATTERY CHARGE CONTROL
OUTPUT (VBAT1, VBAT2)
The battery charge control output is the drain terminal of
an internal P-channel MOSFET. The MCP7385X
devices provide constant-current and constant-voltage
regulation to the battery pack by controlling this
MOSFET in the linear region. The battery charge
control output should be connected to the positive
terminal of the battery pack.
5.2
Digital Circuitry
5.2.1
CHARGE STATUS OUTPUTS
(STAT1,STAT2)
Two status outputs provide information on the state of
charge for the MCP73853. One status output provides
information on the state of charge for the MCP73855.
The current-limited, open-drain outputs can be used to
illuminate external LEDs. Optionally, a pull-up resistor
can be used on the output for communication with a
host microcontroller. Table 5-1 and Table 5-2 summa-
rize the state of the status outputs during a charge
cycle for the MCP73853 and MCP73855, respectively.
The flashing rate (1 Hz) is based off a timer capacitor
(CTIMER) of 0.1 µF. The rate will vary based on the
value of the timer capacitor.
5.2.1.1
MCP73853 Only
STAT2 is on whenever the input voltage is above the
under voltage lockout, the device is enabled, and all
conditions are normal.
During a fault condition, the STAT1 status output will be
off and the STAT2 status output will flash. To recover
from a fault condition, the input voltage must be
removed and then reapplied, or the enable input, EN,
must be de-asserted to a logic-low, then asserted to a
logic-high.
When the voltage on the THERM input is outside the
preset window, the charge cycle will either not start or
be suspended. However, the charge cycle is not termi-
nated, with recovery beng automatic. The charge cycle
will resume (or start) once the THERM input is valid and
all other qualification parameters are met.
5.2.2
VSET INPUT
The VSET input selects the regulated output voltage of
the MCP7385X devices. With VSET tied to VSS, the
MCP7385X devices regulate to 4.1V. With VSET tied to
VDD, the MCP7385X devices regulate to 4.2V.
5.2.3
LOGIC ENABLE (EN)
The logic enable input pin (EN) can be used to termi-
nate a charge anytime during the charge cycle, initiate
a charge cycle or initiate a recharge cycle.
Applying a logic-high input signal to the EN pin, or tying
it to the input source, enables the device. Applying a
logic-low input signal disables the device and termi-
nates a charge cycle. When disabled, the device’s
supply current is reduced to 0.28 µA, typically.
TABLE 5-1:
STATUS OUTPUTS – MCP73853
CHARGE
CYCLE STATE
STAT1
STAT2
Qualification
OFF
OFF
Preconditioning
ON
OFF
Constant-
current Fast
Charge
ON
OFF
Constant-
voltage
ON
OFF
Charge
Complete
Flashing (1 Hz,
50% duty cycle)
OFF
Fault
OFF
ON
THERM Invalid
OFF
Flashing (1 Hz,
50% duty cycle)
Disabled -
Sleep mode
OFF
OFF
Input Voltage
Disconnected
OFF
OFF
Note:
OFF state: open-drain is high-impedance;
ON state: open-drain can sink current,
typically
7 mA;
FLASHING:
toggles
between OFF and ON states.
TABLE 5-2:
STATUS OUTPUT – MCP73855
CHARGE CYCLE STATE
STAT1
Qualification
OFF
Preconditioning
ON
Constant Current Fast Charge
ON
Constant Voltage
ON
Charge Complete
OFF
Fault
Flashing (1Hz,
50% duty cycle)
THERM Invalid
Flashing (1Hz,
50% duty cycle)
Disabled - Sleep mode
OFF
Input Voltage Disconnected
OFF
Note:
OFF state: open-drain is high impedance;
ON state: open-drain can sink current, typ-
ically 7 mA; FLASHING: toggles between
OFF state and ON state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com