Electronic Components Datasheet Search
  English  ▼

X  

AS006M2-93 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS006M2-93
Description  GaAs IC SPDT Switch Non-Reflective DC-6 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS006M2-93 Datasheet(HTML) 1 Page - Alpha Industries

  AS006M2-93 Datasheet HTML 1Page - Alpha Industries AS006M2-93 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 2/00A
GaAs IC SPDT Switch
Non-Reflective DC–6 GHz
Features
I Low DC Power Consumption
I High Isolation, Non-Reflective
I Broadband DC–6 GHz
I Excellent Intermodulation Products
I Small Low Cost “Chip on Board” Package
-93
AS006M2-93
Description
The AS006M2-93 is an IC FET SPDT switch in a low cost
“chip on board” package. It features non-reflective
matching at each output, broadband performance, with
very low DC power consumption. This switch can be used
in many analog and digital wireless communication
systems.
Parameter1
Frequency4
Min.
Typ.
Max.
Unit
Insertion Loss2
DC–1.0 GHz
0.7
0.8
dB
DC–2.0 GHz
1.0
1.2
dB
DC–4.0 GHz
1.4
1.6
dB
DC–6.0 GHz
1.8
2.0
dB
Isolation
DC–1.0 GHz
48
58
dB
DC–2.0 GHz
42
50
dB
DC–4.0 GHz
36
42
dB
DC–6.0 GHz
26
35
dB
VSWR (I/O)
DC–1.0 GHz
1.3:1
1.4:1
DC–2.0 GHz
1.4:1
1.6:1
DC–4.0 GHz
1.6:1
1.8:1
DC–6.0 GHz
1.8:1
2.0:1
Electrical Specifications at 25°C
0.056
0.000
0.160
0.020
0.060
0.100
0.140
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics
Rise, Fall (10/90% or 90/10% RF)
3
ns
On, Off (50% CTL to 90/10% RF)
6
ns
Video Feedthru3
15
mV
Input Power for 1 dB Compression
0.50–6 GHz
24
dBm
0.05 GHz
16
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power 13 dBm
0.50–6 GHz
46
dBm
Control Voltages
VLow = 0 to -0.2 V @ 20 µA Max.
VHigh = -5 V @ 50 µA to -8 V @ 200 µA Max.
Operating Characteristics at 25°C
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
4. DC = 300 kHz.
Top View


Similar Part No. - AS006M2-93

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS006M2-00 ALPHA-AS006M2-00 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AS006M2-01 ALPHA-AS006M2-01 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AS006M2-10 ALPHA-AS006M2-10 Datasheet
196Kb / 3P
GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AS006M2-93

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS209-321 ALPHA-AS209-321 Datasheet
185Kb / 3P
GaAs IC Reflective SPDT DC-6 GHz
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
Hittite Microwave Corpo...
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.2
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Skyworks Solutions Inc.
AS229-350 SKYWORKS-AS229-350 Datasheet
139Kb / 2P
GaAs IC SPDT Switch Non-Reflective DC-6 GHz
logo
Hittite Microwave Corpo...
HMC336MS8G HITTITE-HMC336MS8G_08 Datasheet
170Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 6 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com