Electronic Components Datasheet Search
  English  ▼

X  

74LVC14A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC14A
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC14A Datasheet HTML 4Page - NXP Semiconductors 74LVC14A Datasheet HTML 5Page - NXP Semiconductors 74LVC14A Datasheet HTML 6Page - NXP Semiconductors 74LVC14A Datasheet HTML 7Page - NXP Semiconductors 74LVC14A Datasheet HTML 8Page - NXP Semiconductors 74LVC14A Datasheet HTML 9Page - NXP Semiconductors 74LVC14A Datasheet HTML 10Page - NXP Semiconductors 74LVC14A Datasheet HTML 11Page - NXP Semiconductors 74LVC14A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
8 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
13. Transfer characteristics
[1]
Typical transfer characteristic is displayed in Figure 9.
Table 9.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V); see Figure 8.
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Max
Min
Max
VT+
positive-going
threshold voltage
VCC = 1.2 V
0.2
1.0
0.2
1.0
V
VCC = 1.65 V
0.4
1.3
0.4
1.3
V
VCC = 1.95 V
0.6
1.5
0.6
1.5
V
VCC = 2.3 V
0.8
1.7
0.8
1.7
V
VCC = 2.5 V
0.9
1.7
0.9
1.7
V
VCC = 2.7 V
1.1
2
1.1
2
V
VCC = 3 V
1.2
2
1.2
2
V
VCC = 3.6 V
1.2
2
1.2
2
V
VT
negative-going
threshold voltage
VCC = 1.2 V
0.12
0.75
0.12
0.75
V
VCC = 1.65 V
0.15
0.85
0.15
0.85
V
VCC = 1.95 V
0.25
0.95
0.25
0.95
V
VCC = 2.3 V
0.4
1.1
0.4
1.1
V
VCC = 2.5 V
0.4
1.2
0.4
1.2
V
VCC = 2.7 V
0.8
1.4
0.8
1.4
V
VCC = 3 V
0.8
1.5
0.8
1.5
V
VCC = 3.6 V
0.8
1.5
0.8
1.5
V
VH
hysteresis voltage
(VT+  VT)
VCC = 1.2 V
0.1
1.0
0.1
1.0
V
VCC = 1.65 V
0.2
1.15
0.2
1.15
V
VCC = 1.95 V
0.2
1.25
0.2
1.25
V
VCC = 2.3 V
0.3
1.3
0.3
1.3
V
VCC = 2.5 V
0.3
1.3
0.3
1.3
V
VCC = 2.7 V
0.3
1.1
0.3
1.1
V
VCC = 3 V
0.3
1.2
0.3
1.2
V
VCC = 3.6 V
[1]
0.3
1.2
0.3
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com