Electronic Components Datasheet Search
  English  ▼

X  

74LVC14ADB Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVC14ADB
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14ADB Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVC14ADB Datasheet HTML 10Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 11Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 12Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 13Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 14Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 15Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 16Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 17Page - NXP Semiconductors 74LVC14ADB Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
15 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
17. Abbreviations
18. Revision history
Table 10.
Abbreviations
Acronym
Description
CDM
Charged Device Model
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC14A v.5
20111223
Product data sheet
-
74LVC14A v.4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines
of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4, Table 5, Table 6, Table 7 and Table 8: values added for lower voltage ranges.
74LVC14A v.4
20050215
Product data sheet
-
74LVC14A v.3
74LVC14A v.3
20030228
Product specification
-
74LVC14A v.2
74LVC14A v.2
20020315
Product specification
-
74LVC14A v.1
74LVC14A v.1
19980428
Product specification
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com