Electronic Components Datasheet Search
  English  ▼

X  

MP2562 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2562
Description  1A, 4MHz, 50V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2562 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2562 Datasheet HTML 1Page - Monolithic Power Systems MP2562 Datasheet HTML 2Page - Monolithic Power Systems MP2562 Datasheet HTML 3Page - Monolithic Power Systems MP2562 Datasheet HTML 4Page - Monolithic Power Systems MP2562 Datasheet HTML 5Page - Monolithic Power Systems MP2562 Datasheet HTML 6Page - Monolithic Power Systems MP2562 Datasheet HTML 7Page - Monolithic Power Systems MP2562 Datasheet HTML 8Page - Monolithic Power Systems MP2562 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2562
1A, 4MHz, 50V
Step-Down Converter
MP2562 Rev. 0.91
www.MonolithicPower.com
1
4/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2562 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 1A output with current mode control for
fast loop response and easy compensation.
The wide 4.5V to 50V input range accommodates
a variety of step-down applications, including
those in an automotive input environment. A 12µA
shutdown mode quiescent current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 4MHz, the MP2562 is able to
prevent EMI (Electromagnetic Interference) noise
problems, such as those found in AM radio and
ADSL applications.
The MP2562 is available in small 3mm x 3mm
QFN10 and SOIC8 packages.
FEATURES
• 120μA Quiescent Current(12uA Shutdown)
• Wide 4.5V to 50V Operating Input Range
• 460mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Stable with Ceramic Capacitor
• Internal Soft-Start
• Internally Set Current Limit without external
Current Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 47V
• Available in 3x3 QFN10 and SOIC8
Packages
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
100V
C3
220pF
C6
NS
R2
R1
L1
C4
100nF
C2
6.3V
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP2562
EN
R5
R4
R3
R6
6
10
1,2
5
4
8,9
3
7
10
100
1000
40
50
60
70
80
90
OUTPUT CURRENT (mA)
VIN=8V
VIN=12V
VIN=24V
VIN=36V
VIN=50V


Similar Part No. - MP2562

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP256 RECTRON-MP256 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
39Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP256 GWSEMI-MP256 Datasheet
74Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
MP256 SHUNYE-MP256 Datasheet
199Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
158Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP2562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
2.5A, 4MHz, 20V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com