Electronic Components Datasheet Search
  English  ▼

X  

BCP68 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCP68
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP68 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCP68 Datasheet HTML 1Page - NXP Semiconductors BCP68 Datasheet HTML 2Page - NXP Semiconductors BCP68 Datasheet HTML 3Page - NXP Semiconductors BCP68 Datasheet HTML 4Page - NXP Semiconductors BCP68 Datasheet HTML 5Page - NXP Semiconductors BCP68 Datasheet HTML 6Page - NXP Semiconductors BCP68 Datasheet HTML 7Page - NXP Semiconductors BCP68 Datasheet HTML 8Page - NXP Semiconductors BCP68 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2003 Nov 25
2
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
FEATURES
• High current
• Two current gain selections
• 1.4 W total power dissipation.
APPLICATIONS
• Linear voltage regulators
• Low side switches
• Supply line switch for negative voltages
• MOSFET drivers
• Audio pre-amplifiers.
DESCRIPTION
NPN medium power transistor (see “Simplified outline,
symbol and pinning”) for package details.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN. MAX. UNIT
VCEO
collector-emitter
voltage
−
20
V
IC
collector current (DC)
−
1
A
ICM
peak collector current
−
2
A
hFE
DC current gain
BCP68
85
375
BCP68-25
160
375
PRODUCT OVERVIEW
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
RELATED PRODUCTS
TYPE NUMBER
PACKAGE
MARKING CODE
PHILIPS
EIAJ
BCP68
SOT223
SC-73
BCP68
BCP68-25
SOT223
SC-73
BCP68/25
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
BCP68
1
base
2
collector
3
emitter
4
collector
TYPE NUMBER
DESCRIPTION
FEATURE
BCP69
PNP medium power transistor
PNP complement
BC868
NPN medium power transistor
SOT89, 20 V
BC368
NPN medium power transistor
SOT54, 20 V
handbook, halfpage
4
12
3
MAM287
Top view
3
2, 4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com