Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCP69
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCP69 Datasheet HTML 1Page - NXP Semiconductors BCP69 Datasheet HTML 2Page - NXP Semiconductors BCP69 Datasheet HTML 3Page - NXP Semiconductors BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2003 Nov 25
3
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
See SOT223 (SC-73) standard mounting conditions.
2.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint for SOT223.
3.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; 1 cm2 collector mounting pad.
4.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; 6 cm2 collector mounting pad.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BCP68
−
plastic surface mounted package; collector pad for good heat
transfer; 4 leads
SOT223
BCP68-25
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
32
V
VCEO
collector-emitter voltage
open base
−
20
V
VEBO
emitter-base voltage
open collector
−
5
V
IC
collector current (DC)
−
1
A
ICM
peak collector current
−
2
A
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; notes 1 and 2
−
0.625
W
Tamb ≤ 25 °C; notes 1 and 3
−
1
W
Tamb ≤ 25 °C; notes 1 and 4
−
1.4
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com