Electronic Components Datasheet Search
  English  ▼

X  

BC368 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC368
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC368 Datasheet(HTML) 1 Page - NXP Semiconductors

  BC368 Datasheet HTML 1Page - NXP Semiconductors BC368 Datasheet HTML 2Page - NXP Semiconductors BC368 Datasheet HTML 3Page - NXP Semiconductors BC368 Datasheet HTML 4Page - NXP Semiconductors BC368 Datasheet HTML 5Page - NXP Semiconductors BC368 Datasheet HTML 6Page - NXP Semiconductors BC368 Datasheet HTML 7Page - NXP Semiconductors BC368 Datasheet HTML 8Page - NXP Semiconductors BC368 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product data sheet
Supersedes data of 1999 Apr 08
2003 Nov 25
DISCRETE SEMICONDUCTORS
BCP68
NPN medium power transistor;
20 V, 1 A
ndbook, halfpage
M3D087


Similar Part No. - BC368

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
logo
NXP Semiconductors
BC368 PHILIPS-BC368 Datasheet
43Kb / 8P
NPN medium power transistor
1999 Apr 26
logo
Siemens Semiconductor G...
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
NPN Silicon AF Transistor (High current gain High collector current)
logo
Fairchild Semiconductor
BC368 FAIRCHILD-BC368 Datasheet
35Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - BC368

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 NXP-BCP69 Datasheet
94Kb / 13P
20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BC368 NXP-BC368 Datasheet
143Kb / 9P
NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BC869 NXP-BC869 Datasheet
177Kb / 11P
PNP medium power transistor; 20 V, 1 A
2004 Nov 08
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
NPN medium power transistor; 20 V, 1 A
2003 Nov 25
logo
Nexperia B.V. All right...
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BSR41 NEXPERIA-BSR41 Datasheet
218Kb / 8P
60 V, 1 A NPN medium power transistor
1 October 2022
BSR43 NEXPERIA-BSR43 Datasheet
219Kb / 8P
80 V, 1 A NPN medium power transistor
1 October 2022
BSR41-Q NEXPERIA-BSR41-Q Datasheet
188Kb / 8P
60 V, 1 A NPN medium power transistor
9 December 2021
BSR43-Q NEXPERIA-BSR43-Q Datasheet
188Kb / 8P
80 V, 1 A NPN medium power transistor
9 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com