Electronic Components Datasheet Search
  English  ▼

X  

CD74ACT573M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CD74ACT573M
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD74ACT573M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CD74ACT573M Datasheet HTML 4Page - NXP Semiconductors CD74ACT573M Datasheet HTML 5Page - NXP Semiconductors CD74ACT573M Datasheet HTML 6Page - NXP Semiconductors CD74ACT573M Datasheet HTML 7Page - NXP Semiconductors CD74ACT573M Datasheet HTML 8Page - NXP Semiconductors CD74ACT573M Datasheet HTML 9Page - NXP Semiconductors CD74ACT573M Datasheet HTML 10Page - NXP Semiconductors CD74ACT573M Datasheet HTML 11Page - NXP Semiconductors CD74ACT573M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
8 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 11.
Characteristics per type; BZB84-C27 to BZB84-C75
Tj =25 °C unless otherwise specified.
BZB84-
Cxxx
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =2mA
IZ = 0.5 mA IZ =2mA
IZ =2mA
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
Max
27
25.1
28.9
300
80
0.05
18.9
21.4
25.3
50
1.00
30
28.0
32.0
300
80
0.05
21.0
24.4
29.4
50
1.00
33
31.0
35.0
325
80
0.05
23.1
27.4
33.4
45
0.90
36
34.0
38.0
350
90
0.05
25.2
30.4
37.4
45
0.80
39
37.0
41.0
350
130
0.05
27.3
33.4
41.2
45
0.70
43
40.0
46.0
375
150
0.05
30.1
37.6
46.6
40
0.60
47
44.0
50.0
375
170
0.05
32.9
42.0
51.8
40
0.50
51
48.0
54.0
400
180
0.05
35.7
46.6
57.2
40
0.40
56
52.0
60.0
425
200
0.05
39.2
52.2
63.8
40
0.30
62
58.0
66.0
450
215
0.05
43.4
58.8
71.6
35
0.30
68
64.0
72.0
475
240
0.05
47.6
65.6
79.8
35
0.25
75
70.0
79.0
500
255
0.05
52.5
73.4
88.6
35
0.20
(1) Tj =25 °C (prior to surge)
(2) Tj = 150 °C (prior to surge)
Tj =25 °C
Fig 1.
Per diode: Non-repetitive peak reverse power
dissipation as a function of pulse duration;
maximum values
Fig 2.
Per diode: Forward current as a function of
forward voltage; typical values
mbg801
103
1
tp (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com