Electronic Components Datasheet Search
  English  ▼

X  

AS148-24 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS148-24
Description  GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS148-24 Datasheet(HTML) 2 Page - Alpha Industries

  AS148-24 Datasheet HTML 1Page - Alpha Industries AS148-24 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs IC High Isolation Positive Control SPDT Switch DC–2.5 GHz
AS148-24
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 3/99A
Frequency (GHz)
1.5
1.25
1.0
0.75
0.5
DC
.5
1.5
1.0
2.0
2.5
Insertion Loss vs. Frequency
Frequency (GHz)
VSWR vs. Frequency
1.4
1.3
1.2
1.1
1.0
DC
.5
1.5
1.0
2.0
2.5
Frequency (GHz)
Isolation vs. Frequency
70
60
50
40
30
DC
.5
1.5
1.0
2.0
2.5
Typical Performance Data (0, +5 V)
J2
J1
V1
V2
GND
GND
GND GND GND
GND
GND
GND
CBL
CBL
J3
CBL
VS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Characteristic
Value
RF Input Power
1 W Max. > 500 MHz
0/+8 V Control
Supply Voltage
+8 V
Control Voltage
-0.2 V, +8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Θ
JC
25°C/W
Absolute Maximum Ratings
DC blocking capacitors (CBL) must be supplied externally.
CBL = 100 pF for operation >500 MHz.
V1
V2
J1–J2
J1–J3
VHigh
0
Isolation
Insertion Loss
0
VHigh
Insertion Loss
Isolation
Truth Table
Pin Out
VHigh = +5 to +7 V (VS = VHigh ± 0.2 V).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com