Electronic Components Datasheet Search
  English  ▼

X  

MP4460 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4460
Description  2.5A, 4MHz, 36V Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4460 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4460 Datasheet HTML 1Page - Monolithic Power Systems MP4460 Datasheet HTML 2Page - Monolithic Power Systems MP4460 Datasheet HTML 3Page - Monolithic Power Systems MP4460 Datasheet HTML 4Page - Monolithic Power Systems MP4460 Datasheet HTML 5Page - Monolithic Power Systems MP4460 Datasheet HTML 6Page - Monolithic Power Systems MP4460 Datasheet HTML 7Page - Monolithic Power Systems MP4460 Datasheet HTML 8Page - Monolithic Power Systems MP4460 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP4460
2.5A, 4MHz, 36V
Step-Down Converter
MP4460 Rev. 1.02
www.MonolithicPower.com
1
12/24/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4460 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 2.5A output with current mode control for
fast loop response and easy compensation.
The wide 3.8V to 36V input range accommodates
a variety of step-down applications, including
those in an automotive input environment. A
120µA operational quiescent current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
In some applications, such as AM radio and
ADSL applications, in which the device is
sensitive to frequency band, the MP4460 can
avoid the related EMI problem by setting the
frequency at 4MHz.
The MP4460 is available in a small 3mm x 3mm
QFN10 package.
FEATURES
• 120μA Quiescent Current
• Wide 3.8V to 36V Operating Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Internally Set Current Limit without a
Current Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 30V
• Available in a 3mm x 3mm QFN10 Package
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C3
220pF
C6
NS
C4
100nF
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP4460
EN
6
10
1,2
5
4
8,9
3
7
Efficiency vs
Load Current
100
90
80
70
60
50
40
30
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=3.3V
VIN=12V
VIN=24V
VIN=5V


Similar Part No. - MP4460

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MP4462DN MPS-MP4462DN Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MP4462DQ MPS-MP4462DQ Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
More results

Similar Description - MP4460

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
2.5A, 4MHz, 20V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com