Electronic Components Datasheet Search
  English  ▼

X  

AS150-59 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS150-59
Description  GaAs IC High Power SPDT Switch Positive Control DC-3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS150-59 Datasheet(HTML) 2 Page - Alpha Industries

  AS150-59 Datasheet HTML 1Page - Alpha Industries AS150-59 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 10/99A
GaAs IC High Power SPDT Switch Positive Control DC–3 GHz
AS150-59
Frequency (GHz)
40
35
30
10
25
20
15
DC
1
2
3
Isolation vs. Frequency
Typical Performance Data (0, +5 V)
J1
VS
GND
GND
CBL
CBL
J2
V1
V2
J3
CBL
Characteristic
Value
RF Input Power
6 W Max. > 900 MHz,
0/+5 V Control
Supply Voltage
+8 V
Control Voltage
-0.2 V, +8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
85°C/W
Absolute Maximum Ratings
Pin Out
External DC blocking capacitors are required on all RF ports.
CBL = 100 pF for operation >500 MHz.
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
DC
1
2
3
85˚C
25˚C
0˚C
Frequency (GHz)
Insertion Loss vs. Frequency
Frequency (GHz)
DC
1
2
3
VSWR vs. Frequency
1.7
1.6
1.5
1.4
1.3
1.2
1.1
Truth Table
VHigh = +3 to +5 V (VS = VHigh ± 0.2 V).
V1
V2
J1–J2
J1–J3
VHigh
0
Isolation
Insertion Loss
0VHigh
Insertion Loss
Isolation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com