Electronic Components Datasheet Search
  English  ▼

X  

MP4470 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4470
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4470 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4470 Datasheet HTML 1Page - Monolithic Power Systems MP4470 Datasheet HTML 2Page - Monolithic Power Systems MP4470 Datasheet HTML 3Page - Monolithic Power Systems MP4470 Datasheet HTML 4Page - Monolithic Power Systems MP4470 Datasheet HTML 5Page - Monolithic Power Systems MP4470 Datasheet HTML 6Page - Monolithic Power Systems MP4470 Datasheet HTML 7Page - Monolithic Power Systems MP4470 Datasheet HTML 8Page - Monolithic Power Systems MP4470 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4470/4470A Rev. 1.1
www.MonolithicPower.com
5
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
VIN = 24V, VOUT = 3.3V, L = 10µH, TA = +25°C, unless otherwise noted.
VO(AC)
10mV/div.
SW
10V/div.
IL
500mA/div.
VIN
10V/div.
VO
2V/div.
SW
20V/div.
IL
2A/div.
VIN
10V/div.
VO
2V/div.
SW
20V/div.
IL
5A/div.
VIN
10V/div.
VO
2V/div.
SW
10V/div.
IL
200mA/div.
VIN
10V/div.
VO
2V/div.
SW
10V/div.
IL
2A/div.
EN
2V/div.
VO
2V/div.
SW
20V/div.
IL
500mA/div.
EN
2V/div.
VO
2V/div.
SW
20V/div.
IL
5A/div.
EN
2V/div.
VO
2V/div.
SW
20V/div.
IL
2A/div.
VO(AC)
10mV/div.
SW
20V/div.
IL
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com