Electronic Components Datasheet Search
  English  ▼

X  

MP4470A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4470A
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4470A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4470A Datasheet HTML 8Page - Monolithic Power Systems MP4470A Datasheet HTML 9Page - Monolithic Power Systems MP4470A Datasheet HTML 10Page - Monolithic Power Systems MP4470A Datasheet HTML 11Page - Monolithic Power Systems MP4470A Datasheet HTML 12Page - Monolithic Power Systems MP4470A Datasheet HTML 13Page - Monolithic Power Systems MP4470A Datasheet HTML 14Page - Monolithic Power Systems MP4470A Datasheet HTML 15Page - Monolithic Power Systems MP4470A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP4470/4470A–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4470/4470A Rev.0.8
www.MonolithicPower.com
12
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2013 MPS. All Rights Reserved.
discharge VO until the inductor current drops to
zero while the HS-FET remains off. The MP4470
needs to power cycle to restart. Note that
MP4470A has no this OVP function.
The MP4470/4470A also monitors FB pin voltage
to detect output under-voltage condition. A VFB
drop below 50% ×VREF triggers UVP as well as a
current-limit that triggers SCP.
UVLO Protection
The MP4470/4470A has under-voltage lock-out
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MP4470/4470A will be powered up. It shuts
off when the input voltage is lower than the
UVLO falling threshold voltage. This is non-latch
protection.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor power the
floating-power-MOSFET
driver.
A
dedicated
internal regulator charges and regulates the
bootstrap capacitor voltage to ~5V. When the
voltage between the BST and SW nodes drops
below regulation, a PMOS pass transistor
connected from VIN to BST turns on. The
charging current path is from VIN, BST and then
to SW. The external circuit should provide
enough voltage headroom to facilitate charging.
As long as VIN is significantly higher than SW, the
bootstrap capacitor remains charged. When the
HS-FET is ON, VIN≈VSW so the bootstrap
capacitor cannot charge.
When the LS-FET is ON, VIN−VSW reaches its
maximum for fast charging. When there is no
inductor current, VSW=VOUT so the difference
between VIN and VOUT can charge the bootstrap
capacitor.
At higher duty cycles, the bootstrap-charging
time is shorter so the bootstrap capacitor may not
charge sufficiently. In case the internal circuit has
insufficient voltage and time to charge the
bootstrap capacitor, the bootstrap capacitor
voltage will drop low. When VBST−VSW drops
below 2.3V, the HS-FET turns OFF. A UVLO
circuit allows the LS-FET to conduct and refresh
the charge on the bootstrap capacitor. Once
bootstrap capacitor voltage is charged, the HS-
FET can turn on again and the part resumes
normal switching. With this bootstrap refreshing
function, MP4470/4470A is able to work on the
low drop-out mode.
Thermal Shutdown
The MP4470/4470A uses thermal shutdown. The
junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 175°C), the
converter shuts off. This is a non-latched
protection. There is about 45°C hysteresis. Once
the junction temperature drops to about 130°C, it
initiates a SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com