Electronic Components Datasheet Search
  English  ▼

X  

AS160-86 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS160-86
Description  PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS160-86 Datasheet(HTML) 2 Page - Alpha Industries

  AS160-86 Datasheet HTML 1Page - Alpha Industries AS160-86 Datasheet HTML 2Page - Alpha Industries AS160-86 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 3/99A
PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5–2 GHz
AS160-86
0
0.5
1.0
1.5
2.0
2.5
TX–Ant. 1, TX–Ant. 2
Insertion Loss vs. Frequency
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Frequency (GHz)
TX–Ant. 1
TX–Ant. 2
0
0.5
1.0
1.5
2.0
2.5
RX1–Ant. 1, 2 RX2–Ant. 1, 2
Insertion Loss vs. Frequency
Frequency (GHz)
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
2.5
Ant. 1, 2–RX1, 2
Isolation vs. Frequency
Frequency (GHz)
0
10
20
30
40
50
60
70
0
0.5
1.0
1.5
2.0
2.5
VSWR vs. Frequency
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
Insertion Loss States
Typical Performance Data
Truth Table
Characteristic
Value
RF Input Power
3 W Max. > 500 MHz
+5 V/-5 V
Control Voltage
+5 V/-5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings
Note: Exceeding these ratings may cause irreversible damage.
VLow = -5 < VLow < -2.75 V @ 200 µA Max.
VHigh = -.2 < VHigh < +5 V @ 200 µA Max.
Differential = 2.75 < (VHigh – VLow) < 10 V @ 200 µA Max.
V1
V2
V3
V4
TX–
TX–
RX1– RX1–
RX2– RX2–
Ant. 1 Ant. 2 Ant. 1 Ant. 2 Ant. 1 Ant. 2
VLow VHigh VLow
VLow
Ins.
Isol.
Isol.
Isol.
Isol.
Isol.
Loss
VHigh
VLow VLow
VLow
Isol.
Ins.
Isol.
Isol.
Isol.
Isol.
Loss
VHigh
VLow VHigh
VLow
Isol.
Ins.
Ins.
Isol.
Isol.
Isol.
Loss
Loss
VLow
VHigh VHigh
VLow
Ins.
Isol.
Isol.
Ins.
Isol.
Isol.
Loss
Loss
VHigh
VLow VLow
VHigh
Isol.
Ins.
Isol.
Isol.
Ins.
Isol.
Loss
Loss
VLow
VHigh VLow
VHigh
Ins.
Isol.
Isol.
Isol.
Isol.
Ins.
Loss
Loss



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com