Electronic Components Datasheet Search
  English  ▼

X  

MP4561 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4561
Description  1.5A, 2MHz, 55V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4561 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4561 Datasheet HTML 6Page - Monolithic Power Systems MP4561 Datasheet HTML 7Page - Monolithic Power Systems MP4561 Datasheet HTML 8Page - Monolithic Power Systems MP4561 Datasheet HTML 9Page - Monolithic Power Systems MP4561 Datasheet HTML 10Page - Monolithic Power Systems MP4561 Datasheet HTML 11Page - Monolithic Power Systems MP4561 Datasheet HTML 12Page - Monolithic Power Systems MP4561 Datasheet HTML 13Page - Monolithic Power Systems MP4561 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP4561 – 1.5A, 2MHz, 55V STEP-DOWN CONVERTER
MP4561 Rev. 1.0
www.MonolithicPower.com
10
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin. The
voltage divider divides the output voltage down to
the feedback voltage by the ratio:
FB
OUT
R2
V=V
R1+R2
×
Thus the output voltage is:
OUT
FB
R1+R2
V=V
R2
×
For example, the value for R2 can be 10kΩ. With
this value, R1 can be determined by:
OUT
R1=12.5 (V
-0.8)(kΩ)
×
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 31.6kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, the
larger value inductor will have a larger physical
size, higher series resistance, and/or lower
saturation current.
A good rule for determining the inductance to use
is to allow the peak-to-peak ripple current in the
inductor to be approximately 30% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated by:
OUT
OUT
sL
IN
VV
L1=
(1-
)
f
ΔIV
×
×
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ∆IL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors from
various manufacturers. The choice of which style
inductor to use mainly depends on the price vs.
size requirements and any EMI requirement.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode whose maximum reverse voltage
rating is greater than the maximum input voltage,
and whose current rating is greater than the
maximum load current. Table 2 lists example
Schottky diodes and manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com