Electronic Components Datasheet Search
  English  ▼

X  

MP4603 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4603 Datasheet HTML 6Page - Monolithic Power Systems MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems MP4603 Datasheet HTML 10Page - Monolithic Power Systems MP4603 Datasheet HTML 11Page - Monolithic Power Systems MP4603 Datasheet HTML 12Page - Monolithic Power Systems MP4603 Datasheet HTML 13Page - Monolithic Power Systems MP4603 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4603 Rev. 1.0
www.MonolithicPower.com
10
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
OPERATION
The MP4603 is a current mode regulator. The
sensing resistor senses the LED current and the
signal goes an error amplifier, which regulates it
to 200mV through an internal compensation
network—The COMP pin is the output of the
error amplifier. The inductor peak current is
proportional to the COMP voltage. Increasing the
COMP voltage increases the current delivered to
the output.
LED Open Protection
If the LED is open, there is no voltage on the FB
pin. The duty cycle increases until VOVP-VVSS
reaches the shutdown threshold. The top switch
turns off, and the IC latches off. At LED open
protection, the Fault pin goes low.
LED Short Protection
If the FB voltage exceeds 600mV, the IC
immediately latches off and DGD goes low. If the
FB voltage exceeds 300mV for around 450µs, IC
latches off and DGD goes low. The EN pin must
reset to restart the IC. The Fault pin goes low
when the IC latches off.
Dimming Control
The MP4603 allows for both Analog and PWM
dimming. The analog dimming voltage range on
ADIM goes from 0V to1.2V to change the LED
current from 0% to 100% of the maximum LED
current. If the voltage on the ADIM pin exceeds
1.2V or is floating, LED current goes to its
maximum.
PWM dimming uses a square-wave signal with a
100Hz-to-50kHz
frequency
range
and
an
amplitude over 2.2V applied to the PWM pin.
PWM dimming can achieve over 1:1000 dimming
ratio with PWM frequency less than 200Hz
During the PWM dimming OFF interval, an
internal switch disconnects the COMP pin
capacitor from the output of the error amplifier:
This holds the COMP voltage during the PWM
OFF interval and increases the LED current
response speed to achieve a high dimming ratio.
Combine PWM and analog dimming to increase
the dimming ratio. Apply a 100Hz to 50kHz PWM
signal on PWM pin and a analog dimming signal
in range of 0V to 1.2V on ADIM pin.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com