Electronic Components Datasheet Search
  English  ▼

X  

MP4603ES Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4603ES
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603ES Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4603ES Datasheet HTML 10Page - Monolithic Power Systems MP4603ES Datasheet HTML 11Page - Monolithic Power Systems MP4603ES Datasheet HTML 12Page - Monolithic Power Systems MP4603ES Datasheet HTML 13Page - Monolithic Power Systems MP4603ES Datasheet HTML 14Page - Monolithic Power Systems MP4603ES Datasheet HTML 15Page - Monolithic Power Systems MP4603ES Datasheet HTML 16Page - Monolithic Power Systems MP4603ES Datasheet HTML 17Page - Monolithic Power Systems MP4603ES Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE SIZE BACKLIGHTING
MP4603 Rev1.0
www.MonolithicPower.com
14
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
Design Example
This design example shows an LCD TV LED
backlight application. Figure 4 shows the system
power structure block diagram. MPS’s HFC0100
flyback controller controls the flyback, offering 2
outputs: 12VIN and VINH. The high output, VINH,
provides
a
bias
voltage
(less
than the LED string voltage) for all LED strings
and connects to the anodes. The low output,
12VIN, is about 12V and supplies the MP4603
LED driver; the MP4603 generates a negative
voltage and connects to the cathode of the LED
strings to drive the LED strings.
HFC0100
Flyback
AC Input
12VIN
VINH
MP4603
LED Driver
MP4603
LED Driver
INGND
INGND
LED1-
LED2-
Figure 4: System Power Block Diagram
Specifications
Flyback Output:
VINH = typical 145V (140V to 160V): cross-
regulation in the multiple output flyback is the
primary cause of the large tolerance.
12VIN is 12V;
Output:
2 outputs of 120mA for every string
LED voltage is typical 180V (165V to 195V)
Switching frequency:
~200kHz
Protections:
Open LED string protection
Short LED string protection
MP4603 Operating Range:
Input voltage = 12V
Output voltage = -5V to -55V
LED current = 120mA.
Figure 5 shows the schematic of the MP4603
LED driver stage. JP1 is short and JP2 is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com