Electronic Components Datasheet Search
  English  ▼

X  

MP4651 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4651
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4651 Datasheet HTML 4Page - Monolithic Power Systems MP4651 Datasheet HTML 5Page - Monolithic Power Systems MP4651 Datasheet HTML 6Page - Monolithic Power Systems MP4651 Datasheet HTML 7Page - Monolithic Power Systems MP4651 Datasheet HTML 8Page - Monolithic Power Systems MP4651 Datasheet HTML 9Page - Monolithic Power Systems MP4651 Datasheet HTML 10Page - Monolithic Power Systems MP4651 Datasheet HTML 11Page - Monolithic Power Systems MP4651 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP4651—OFF LINE LED DRIVER
MP4651 Rev.1.0
www.MonolithicPower.com
10
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Pin 1 (OVP):
Over Voltage Protection: This pin is used for over
voltage
protection.
The
output
voltage
is
monitored by this pin and when the voltage on
this pin exceeds 2.38V for 7us, the Fault Mode is
triggered.
Pin 3 (SSD):
Short String Detection: This pin is used for short
string protection, when the voltage on this pin
gets lower than 2.36V for 7us, the IC treats it as
short string condition and triggers the Fault
Mode.
Pin 4 (FB):
LED Current Feedback. This pin is used for LED
current regulation. The voltage on this pin is
regulated with 0.6V average value.
FB pin also functions as short sting protection.
When the voltage on FB gets higher than 1.2V
for 7us, the IC triggers the Fault Mode.
Pin 5 (COMP):
This pin is used for compensation. Connect a
1~47nF capacitor from COMP to GND. This cap
should be X7R ceramic. The value of this cap
determines the stability of the LED current
regulation.
Pin 6 (FT):
Connect a capacitor from this pin to GND to set
the fault timer. It sets the time to recover the
system when a fault condition is detected.
FT
FT
2.38V C
T
8uA
×
=
A 10nF capacitor on FT sets the delay time
around 3ms
Pin 8 (FSET):
Connect a resistor from this pin to GND to set the
operating frequency (fo). The value for this
resistor R1 is calculated by
9
o
1.25 10
R1
f
×
=
For R1 = 25kΩ, operating frequency will be
50kHz.
Pin 7 (PWMOUT):
This pin outputs the burst dimming signal to the
LED for fast PWM dimming. Connect this pin
directly to the gate of the dimming MOSFET in
series of the LED.
Pin 10 (PWMIN):
This pin is used for burst brightness control. For
DC input burst dimming, the DC voltage on this
pin controls the burst percentage on the output.
The signal is filtered for optimal operation. A voltage
ranging from 0 to 1.2V on PWMIN programs the
burst dimming duty cycle from 0 to 100%.
For direct PWM burst dimming, Pull BFS high to
VCC through a 20kΩ resistor and connect
PWMIN pin to a logic level PWM signal. Logic
High is Burst On and a logic Low is Burst Off.
Pin 9 (BFS):
BFS pin is used to set the burst dimming
frequency. Connect a resistor (RBFS) in parallel
with a capacitor (CBFS) on this pin to set the burst
dimming frequency, as shown in figure 3.
BFS
2.4V
3.55V
Burst dimming
signal
ILED
Burst Dimming Frequency
Rising time
Figure 3—Burst Mode with DC Input Voltage
at PWMIN Pin
These values are determined as follows:
Set a percentage of the rising time, where:
rise
rise
Burst
Dt
f
=
×
RBFS and CBFS are determined by:
BFS
rise
1
R
21.16k
1
21.43k
D
⎛⎞
≈− +
⎜⎟
⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com