Electronic Components Datasheet Search
  English  ▼

X  

MP4651ES Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4651ES
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651ES Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4651ES Datasheet HTML 4Page - Monolithic Power Systems MP4651ES Datasheet HTML 5Page - Monolithic Power Systems MP4651ES Datasheet HTML 6Page - Monolithic Power Systems MP4651ES Datasheet HTML 7Page - Monolithic Power Systems MP4651ES Datasheet HTML 8Page - Monolithic Power Systems MP4651ES Datasheet HTML 9Page - Monolithic Power Systems MP4651ES Datasheet HTML 10Page - Monolithic Power Systems MP4651ES Datasheet HTML 11Page - Monolithic Power Systems MP4651ES Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP4651—OFF LINE LED DRIVER
MP4651 Rev.1.0
www.MonolithicPower.com
9
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Fault Protection
System fault management facilities include the
over voltage protection, short string protection
and a delay timer for system recovery.
The output voltage is monitored by the OVP pin
through a voltage divider. Once the voltage on
OVP pin exceeds 2.38V for 7us, the MP4651
recognizes this as open condition and triggers
Fault Mode.
The SSD pin is used for short string detection.
When the voltage on SSD pin gets lower than
2.36V for 7us, the MP4651 recognizes this as
short string condition and triggers the Fault Mode.
FB pin also functions as short string protection.
When the voltage on FB pin is higher than 1.2V
for 7us, the IC triggers the Fault Mode.
At Fault Mode, the outputs of the gate drivers GL
and GR are disabled, the PWMOUT signal is
pulled down and the COMP capacitor is
discharged by a 30uA sourcing current. The fault
timer is started. An 8uA current source charges
the FT capacitor, and when FT voltage hits 2.38V,
system recovers. It enables the output driving
signals, releases the COMP, resets the fault flag
and pulls down the FT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com