Electronic Components Datasheet Search
  English  ▼

X  

MP4652 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4652
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4652 Datasheet HTML 6Page - Monolithic Power Systems MP4652 Datasheet HTML 7Page - Monolithic Power Systems MP4652 Datasheet HTML 8Page - Monolithic Power Systems MP4652 Datasheet HTML 9Page - Monolithic Power Systems MP4652 Datasheet HTML 10Page - Monolithic Power Systems MP4652 Datasheet HTML 11Page - Monolithic Power Systems MP4652 Datasheet HTML 12Page - Monolithic Power Systems MP4652 Datasheet HTML 13Page - Monolithic Power Systems MP4652 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
10
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PWM dimming ratio at a 120Hz PWM dimming
frequency without any audible noise issue (or
500:1 PWM dimming ratio at 300Hz PWM
dimming frequency).
PWMOUT
ILED
PWMIN
COMP
Gate
Figure 2— Fast and Continuous PWM
Dimming
Fault Protection
System fault management features include open
LED protection, short LED protection if at any
point the LED string shorts to ground, protection
against shorts along the LED string, and a delay
timer for system recovery.
The output voltage is monitored by the OVP pin
through a voltage divider. Once the open LED
condition occurs and the voltage on the OVP pin
exceeds 2.38V for 7μs, the MP4652 recognizes
this as open condition and triggers the Fault
Mode.
The SSD pin monitors the secondary side current.
If any point of the LED string is shorted to ground,
the secondary side current increases. When the
voltage on SSD pin falls below 2.36V for 7μs, the
MP4652 triggers the Fault Mode.
The FB pin can also function as short LED string
protection. When the voltage on FB pin is higher
than 1.2V for 7μs, the IC triggers the Fault Mode.
In Fault Mode, the outputs of the gate drivers GL
and GR are disabled, the PWMOUT signal is
pulled low, and the COMP
capacitor is
discharged by a 30μA current source. The fault
timer then starts. An 8μA current source charges
the FT capacitor, and when FT voltage hits 2.38V,
the system recovers. The IC enables the output
driver signals, releases the COMP, resets the
fault flag, and pulls down the FT pin.
If the design requires a latch up for the IC at
Fault Mode, connect a 200kΩ resistor on the FT
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com