Electronic Components Datasheet Search
  English  ▼

X  

MP4652ES Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4652ES Datasheet HTML 8Page - Monolithic Power Systems MP4652ES Datasheet HTML 9Page - Monolithic Power Systems MP4652ES Datasheet HTML 10Page - Monolithic Power Systems MP4652ES Datasheet HTML 11Page - Monolithic Power Systems MP4652ES Datasheet HTML 12Page - Monolithic Power Systems MP4652ES Datasheet HTML 13Page - Monolithic Power Systems MP4652ES Datasheet HTML 14Page - Monolithic Power Systems MP4652ES Datasheet HTML 15Page - Monolithic Power Systems MP4652ES Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
12
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Pin 7 (PWMOUT):
This pin outputs the PWM dimming signal to
drive the dimming MOSFET in series with the
LED string for fast PWM dimming. Connect this
pin to the gate of the dimming MOSFET through
a driver resistor.
Pin 10 (PWMIN):
This pin is used for PWM-dimming brightness
control. For DC-input PWM dimming, the DC
voltage controls the PWM dimming duty cycle on
the output. The signal should be filtered for optimal
operation. A voltage in the range of 0V to 1.2V on
PWMIN programs the PWM dimming duty cycle
from 0 to 100%.
For direct PWM input PWM dimming, pull BFS
high to VCC through a 20kΩ resistor, and
connect the PWMIN pin directly to the PWM
source. Logic High is PWM On and Logic Low is
PWM Off.
Pin 9 (BFS):
BFS pin is used to set the burst frequency for DC
input PWM dimming, using the waveform shown
in Figure 4. Connect a resistor (RBFS) in parallel
with a capacitor (CBFS) on this pin to set the burst
frequency.
BFS
2.4V
3.55V
Burst dimming
signal
ILED
Burst Dimming Frequency
Rising time
Gate
Figure 4—PWM Dimming with DC Input
Voltage at PWMIN Pin
These values are determined as follows:
Set a percentage of the rising time, where:
Burst
rise
rise
f
t
D
×
=
RBFS and CBFS are determined by:
k
D
k
R
rise
BFS
43
.
21
1
1
16
.
21
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
≈
405
.
0
1
×
×
−
=
BFS
Burst
rise
BFS
R
f
D
C
For Drise = 0.1, fBurst = 200Hz, then RBFS = 212kΩ, CBFS =
52nF. Drise is recommended between 0.1 and 0.2.
For direct PWM input PWM dimming, pull BFS
high to VCC through a 20kΩ resistor and apply
the PWM signal to PWMIN pin.
Pin 2 (SYNC):
This
pin
is
used
for
burst
frequency
synchronization to synchronize the DC input
PWM dimming frequency. Application of a small-
pulse
synchronizing
frequency
signal
will
synchronize the burst frequency.
SYNC
EN
FB
VCC
BFS
FSET
FT
GND
GL
PWMOUT
VIN
GR
OVP
PWMIN
COMP
1
2
3
4
5
6
7
8
MP4652
14
15
16
SSD
10
11
12
SYNC
Signal
9
REF
13
A
BFS
ILED
Burst dimming
signal
1.2V
3.55V
2.4V
SYNC
Signal
A
Figure 5—Synchronized DC Input
PWM Dimming and Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com