Electronic Components Datasheet Search
  English  ▼

X  

MP4689 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4689
Description  100V Input, 1A High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4689 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4689 Datasheet HTML 1Page - Monolithic Power Systems MP4689 Datasheet HTML 2Page - Monolithic Power Systems MP4689 Datasheet HTML 3Page - Monolithic Power Systems MP4689 Datasheet HTML 4Page - Monolithic Power Systems MP4689 Datasheet HTML 5Page - Monolithic Power Systems MP4689 Datasheet HTML 6Page - Monolithic Power Systems MP4689 Datasheet HTML 7Page - Monolithic Power Systems MP4689 Datasheet HTML 8Page - Monolithic Power Systems MP4689 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP4689 – 100V INPUT, 1A HIGH POWER LED DRIVER
MP4689 Rev. 1.0
www.MonolithicPower.com
4
4/29/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8E
Pin #
Name
Description
1
FB
Feedback. This is the input to hysteretic comparators. An external current sensing resistor is
connected in series with the LEDs to GND. The feedback voltage is connected to this pin
and is regulated at +200mV with 15% current ripple.
2
N/C
Not connected
3
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS regulators and
the high-side switch. A decoupling capacitor to ground must be placed close to this pin to
minimize switching spikes.
4
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET
driver. Connect a bypass capacitor between this pin and SW pin.
5
SW
Switch Node. This is the output from the high-side switch. A low VF Schottky rectifier to
ground is required. The rectifier must be close to the SW pins to reduce switching spikes.
6
DIM
PWM Dimming Input. Pulling this pin below the specified threshold for dimming off. Pulling it
up above the specified threshold for dimming on. If there is no need for dimming function,
connect DIM and EN pins together.
7
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down. Pulling it up
above the specified threshold or leaving it floating enables the chip.
8
GND,
Exposed
pad
Ground. It should be connected as close as possible to the output capacitor avoiding the
high current switch paths. Connect exposed pad to GND plane for optimal thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com