Electronic Components Datasheet Search
  English  ▼

X  

MP5000 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5000
Description  12V, 5A Programmable Current Limit Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5000 Datasheet HTML 4Page - Monolithic Power Systems MP5000 Datasheet HTML 5Page - Monolithic Power Systems MP5000 Datasheet HTML 6Page - Monolithic Power Systems MP5000 Datasheet HTML 7Page - Monolithic Power Systems MP5000 Datasheet HTML 8Page - Monolithic Power Systems MP5000 Datasheet HTML 9Page - Monolithic Power Systems MP5000 Datasheet HTML 10Page - Monolithic Power Systems MP5000 Datasheet HTML 11Page - Monolithic Power Systems MP5000 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP5000 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000 Rev. 1.41
www.MonolithicPower.com
9
9/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
CURRENT LIMIT
The desired current limit is a function of the
external current limit resistor.
Table 1
—Current Limit vs. Current Limit Resistor
(VCC=12V)
Current Limit Resistor (
Ω)
22
50
100
Trip Current (A)
5
2.7
2.3
Hold Current (A)
3.7
1.63
1.1
When the part is active, if load reaches trip
current (minimum threshold current triggering
overcurrent protection) or a short is present, the
part switches into to a constant-current (hold
current) mode. Part will be shutdown only if the
overcurrent condition stays long enough to
trigger thermal protection.
However, when the part is powered up by VCC or
EN, the load current should be smaller than hold
current. Otherwise, the part can’t be fully turned
on.
In a typical application using a current limit
resistor of 22Ω, the trip current will be 5A and the
hold current will be 3.7A. If the device is in its
normal operating state and passing 2.0A it will
need to dissipate only 176mW with the very low
on
resistance
of
44
mΩ. For the package
dissipation of 50°C/Watt, the temperature rise will
only be + 9°C. Combined with a 25°C ambient,
this is only 34°C total package temperature.
During a short circuit condition, the device now
has 12V across it and the hold current clamps at
3.7A and therefore must dissipate 44W. At
50°C/watt, if uncontrolled, the temperature would
rise
above
the
MP5000
thermal
protection
(+175°C) and shutdown the device to cause the
temperature to drop below a hysteresis level.
Proper heat sink must be used if the device is
intended to supply the hold current and not
shutdown. Without a heat sink, hold current
should be maintained below 250mA at + 25°C
and below 150mA at +85°C to prevent the device
from activating the thermal shutdown feature.
RISE TIME
The rise time is a function of the capacitor
(Cdvdt) on the dv/dt pin.
Table 2
—Rise Time vs. Cdv/dt
Cdvdt
none
50pF
500pF
1nF
Rise Time
(TYPICAL)
(ms)
1.1
2.2
12.3
23.5
* Notes: Rise Time = K
RT*(50pF+Cdv/dt), KRT =22E6
The “rise time” is measured by from 10% to 90%
of output voltage.
Figure 2
—Rise Time
ENABLE / FAULT PIN
The Enable/Fault Pin is a Bi-Directional three
levels I/O with a weak pull up current (25uA
typical). The three levels are low, mid and high. It
functions to enable/disable the part and to relay
Fault information.
Enable/Fault pin as an input:
1.
Low and mid disable the part.
2.
Low, in addition to disabling the part,
clears the fault flag.
3.
High enables the part (if the fault flag is
clear).
Enable/Fault pin as an output:
1.
The pull up current may (if not over
ridden) allow a “wired nor” pull up to
enable the part.
2.
An under voltage will cause a low on the
Enable/Fault pin, and will clear the fault
flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com