Electronic Components Datasheet Search
  English  ▼

X  

MP5011DQ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5011DQ
Description  12V, 5A Switch with Programmable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5011DQ Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5011DQ Datasheet HTML 4Page - Monolithic Power Systems MP5011DQ Datasheet HTML 5Page - Monolithic Power Systems MP5011DQ Datasheet HTML 6Page - Monolithic Power Systems MP5011DQ Datasheet HTML 7Page - Monolithic Power Systems MP5011DQ Datasheet HTML 8Page - Monolithic Power Systems MP5011DQ Datasheet HTML 9Page - Monolithic Power Systems MP5011DQ Datasheet HTML 10Page - Monolithic Power Systems MP5011DQ Datasheet HTML 11Page - Monolithic Power Systems MP5011DQ Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP5011 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5011 Rev. 1.01
www.MonolithicPower.com
8
11/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
BLOCK DIAGRAM
Thermal
Shutdown
Latch
Control Logic
SET
Enable/
Fault
5V
25μA
28k
2.5V
2V Hys
RESET
M1
R1
D1
U1
U2
U3
VCC UVLO
dv/dt
Control
GND
dv/dt
Charge
Pump
Voltage
Clamp
VCC
Current Limit
Source
I-Limit
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com