Electronic Components Datasheet Search
  English  ▼

X  

MP5414 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5414
Description  PMU for 3D Glasses
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5414 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5414 Datasheet HTML 9Page - Monolithic Power Systems MP5414 Datasheet HTML 10Page - Monolithic Power Systems MP5414 Datasheet HTML 11Page - Monolithic Power Systems MP5414 Datasheet HTML 12Page - Monolithic Power Systems MP5414 Datasheet HTML 13Page - Monolithic Power Systems MP5414 Datasheet HTML 14Page - Monolithic Power Systems MP5414 Datasheet HTML 15Page - Monolithic Power Systems MP5414 Datasheet HTML 16Page - Monolithic Power Systems MP5414 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP5414—PMU FOR 3D GLASSES
MP5414 Rev.1.12
www.MonolithicPower.com
13
12/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
S2
C-Channel SPDT Switch Control Input. If the chip is enabled, a logic low input switches C to
GND and a logic high input switches C to BSTOUT. Do not leave this pin floating.
2
BSTFB
Step-Up Converter Regulator Feedback. Connect to the tap of an external resistor divider
from the output to BSTFB to set the boost converter output voltage. Float this pin to achieve
fixed 10V output.
3
BSTISET
Step-Up Converter Constant Peak Current Set. Connect to an external resistor to BSTGND
to set the boost converter peak current.
4
BSTGND Step-Up Converter and SPDT Ground.
5
BATT
Charger Output.
6
IPGM
Constant-Charge–Current Programmer. Connect to an external resistor to ground to
program the charging current in constant-current mode. Do not connect a capacitor to this
pin.
7, 9
CHGGND Charger Ground.
8
CHGIN
Charger Input Supply. CHGIN receives the AC adapter.
10
CHGZ
Open-Drain Charger Status Indicator.
11
LDOEN
Low Dropout Enabled. Drive LDOEN high to turn on the low dropout, drive LDOEN low to
turn it off. For automatic startup, connect LDOEN to LDOIN.
12
LDOIN
Low Dropout Power Source Input. LDOIN supplies the internal power to the low dropout and
is the source of the pass transistor. Bypass LDOIN to LDOGND with a 1μF or greater
capacitor.
13
LDOGND Low Dropout Ground.
14, 15
LDOOUT
Low Dropout Regulator Output. LDOOUT is the output of the linear regulator. Bypass
LDOOUT to LDOGND with a 1μF or greater capacitor.
16
LDOFB
Low Dropout Feedback Input. Connect a resistor divider from LDOOUT to LDOFB to set the
output voltage.
17
BSTSW
Step-Up Converter Output Switch Node. BSTSW is the drain node of the internal low-side N-
Channel MOSFET. Connect the inductor from BSTL to BSTSW to complete the step-up
converter.
18
BSTOUT
Step-Up Converter Output.
19
BSTIN
Step-Up Converter and SPDT Input Supply. BSTIN pin powers the internal circuitry and is
the drain of the internal disconnecting N-channel MOSFET. Bypass locally.
20
BSTL
Step-Up Converter Inductor Output. BSTL is the source/body of the internal N-channel
MOSFET, M3. Connect the inductor from this pin to BSTSW.
21
BSTEN
Step-Up Converter and SPDT On/Off Control Input. A logic high input turns the chip on.. Do
not leave this pin floating.
22
S1
B-Channel SPDT Switch Control Input. If the chip is enabled, a logic low input switches B to
GND and a logic high input switches B to BSTOUT. Do not leave this pin floating.
23
S0
A-Channel SPDT Switch Control Input. If the chip is enabled, a logic low input switches A to
GND and a logic high input switches A to BSTOUT. Do not leave this pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com