Electronic Components Datasheet Search
  English  ▼

X  

MP6212DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6212DN
Description  3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6212DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6212DN Datasheet HTML 1Page - Monolithic Power Systems MP6212DN Datasheet HTML 2Page - Monolithic Power Systems MP6212DN Datasheet HTML 3Page - Monolithic Power Systems MP6212DN Datasheet HTML 4Page - Monolithic Power Systems MP6212DN Datasheet HTML 5Page - Monolithic Power Systems MP6212DN Datasheet HTML 6Page - Monolithic Power Systems MP6212DN Datasheet HTML 7Page - Monolithic Power Systems MP6212DN Datasheet HTML 8Page - Monolithic Power Systems MP6212DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP6211/MP6212
3.3V/5V, Single-Channel 1A
Current-Limited Power Distribution Switches
MP6211_MP6212 Rev. 1.1
www.MonolithicPower.com
1
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP6211/MP6212
single-channel
Power
Distribution Switch features internal current limiting
to prevent damage to host devices due to faulty load
conditions. The MP6211/MP6212 Analog switch has
90mΩ on-resistance and operates from 2.7V to 5.5V
input. It is available with guaranteed current limits,
making it ideal for load switching applications. The
MP6211/MP6212 has built-in protection for both
over current and increased thermal stress. For over
current, the device will limit the current by changing
to a constant current mode.
As the temperature increases as a result of short
circuit, the device will shut off. The device will
recover once the device temperature reduces to
approx 120
°C.
The MP6211/MP6212 is available in an 8-PIN
MSOP and SOIC package with exposed pad.
FEATURES
•
1A Continuous Current
•
Accurate Current Limit
•
2.7V to 5.5V Supply Range
•
90uA Quiescent Current
•
90mΩ MOSFET
•
Thermal-Shutdown Protection
•
Under-Voltage Lockout
•
8ms FLAG Deglitch Time
•
No FLAG Glitch During Power Up
•
Reverse Current Blocking
•
Active High & Active Low Options
•
MSOP8E and SOIC8E package
•
UL Recognized: E322138
APPLICATIONS
•
Smartphone and PDA
•
Portable GPS Device
•
Notebook PC
•
Set-top-box
•
Telecom and Network Systems
•
USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT
MP6212
SINGLE-CHANNEL
1
2, 3
4
5
6, 7
+5V
To VBUS
USB Ports
FLAG
IN
GND
EN
UL Recognized Component


Similar Part No. - MP6212DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6212DN-3 MPS-MP6212DN-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
More results

Similar Description - MP6212DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62061 MPS-MP62061 Datasheet
292Kb / 11P
3.3V/5V, Single-Channel 700mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62340 MPS-MP62340 Datasheet
331Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com