Electronic Components Datasheet Search
  English  ▼

X  

AS178-73 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS178-73
Description  PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS178-73 Datasheet(HTML) 1 Page - Alpha Industries

  AS178-73 Datasheet HTML 1Page - Alpha Industries AS178-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 11/99A
PHEMT GaAs IC High Linearity Positive
Control SPDT Switch DC–2 GHz
Features
I High Linearity (50 dBm IP3 @ 0.9 GHz)
@ 3 V
I Low Insertion Loss (0.35 dB @ 0.9 GHz)
I Isolation (21 dB @ 0.9 GHz)
I +3 V Operation
I Ultra Miniature SOT-6 Package
I PHEMT Process
SOT-6
AS178-73
0.074
(1.90 mm REF.)
0.071 (1.80 mm)
0.052 (1.30 mm)
0.037 (0.95 mm) REF.
0.122 (3.10 mm)
0.106 (2.70 mm)
0.006
(0.15 mm)
0.000
(0.00 mm)
0.057 (1.45 mm)
0.035 (0.90 mm)
0.020 (0.51 mm)
0.014 (0.350 mm)
0.126 (3.20 mm)
0.087 (2.20 mm)
PIN 6
PIN 1
PIN 1
INDICATOR
0.022 (0.61 mm)
0.004 (0.10 mm)
0.014
(0.26 mm)
0.004
(0.10 mm)
0.012
(0.30 mm)
TYP.
5.0˚ ± 1˚
5.0˚ ± 1˚
Description
The AS178-73 is a PHEMT GaAs FET IC high linearity
SPDT switch in a SOT-6 plastic package. This switch has
been designed for use where extremely high linearity, low
insertion loss and ultra miniature package size are
required. It can be controlled with positive, negative or a
combination
of
both
voltages.
Some
standard
implementations include antenna changeover, T/R and
Parameter1
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss3
DC–0.5 GHz
0.45
0.6
dB
DC–1.0 GHz
0.45
0.6
dB
DC–2.0 GHz
0.55
0.7
dB
Isolation
DC–0.5 GHz
25
28
dB
DC–1.0 GHz
20
23
dB
DC–2.0 GHz
14
17
dB
VSWR4
DC–1.0 GHz
1.2:1
1.4:1
DC–2.0 GHz
1.3:1
1.8:1
Electrical Specifications at 25°C (0, +3 V)
Preliminary
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics5
Rise, Fall (10/90% or 90/10% RF)
60
ns
On, Off (50% CTL to 90/10% RF)
100
ns
Video Feedthru
50
mV
Input Power for 1 dB Compression
0/+3 V
0.9 GHz
+34
dBm
0/+5 V
0.9 GHz
+38
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +17 dBm
0/+3 V
0.9 GHz
+50
dBm
0/+5 V
0.9 GHz
+57
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = +3 V @ 100 µA Max. to +5 V @ 200 µA Max.
VS = VHigh ± 0.2 V
Operating Characteristics at 25°C (0, +3 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Insertion loss state.
5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
diversity switching over 2 W. The AS178-73 switch can be
used in many analog and digital wireless communication
systems including cellular, GSM and DECT applications.


Similar Part No. - AS178-73

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1701-T AMSCO-AS1701-T Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS178-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS185-92 ALPHA-AS185-92 Datasheet
39Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS188-92 ALPHA-AS188-92 Datasheet
39Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS191-73 ALPHA-AS191-73 Datasheet
28Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS205-322 ALPHA-AS205-322 Datasheet
58Kb / 2P
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS201-306 SKYWORKS-AS201-306 Datasheet
54Kb / 2P
PHEMT GaAs IC High Linearity and Isolation SPDT Switch DC-3 GHz
AS188-92 SKYWORKS-AS188-92 Datasheet
88Kb / 4P
PHEMT GaAs IC High-Linearity Positive Control SPDT Switch 300 kHz-2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com