Electronic Components Datasheet Search
  English  ▼

X  

MP6902DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6902DS
Description  Fast Turn-off Intelligent Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6902DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6902DS Datasheet HTML 1Page - Monolithic Power Systems MP6902DS Datasheet HTML 2Page - Monolithic Power Systems MP6902DS Datasheet HTML 3Page - Monolithic Power Systems MP6902DS Datasheet HTML 4Page - Monolithic Power Systems MP6902DS Datasheet HTML 5Page - Monolithic Power Systems MP6902DS Datasheet HTML 6Page - Monolithic Power Systems MP6902DS Datasheet HTML 7Page - Monolithic Power Systems MP6902DS Datasheet HTML 8Page - Monolithic Power Systems MP6902DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP6902
Fast Turn-off Intelligent Controller
MP6902 Rev. 1.13
www.MonolithicPower.com
1
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6902 is a Low-Drop Diode Emulator IC
for Flyback converters which combined with an
external switch replaces Schottky rectification
diodes for high efficiency. The chip regulates
the forward drop of an external switch to about
70mV and switches it off as soon as the voltage
becomes negative. MP6902 has a light-load
sleep mode that reduces the quiescent current
to <300uA.
FEATURES
• Supports DCM and Quasi-Resonant
Flyback Converters
• Works with 12V Standard and 5V Logic
Level FETS
• Compatible with Energy Star, 1W Standby
Requirements
• VDD Range From 8V to 24V
• Fast Turn-off Total Delay of 20ns
• Max 400kHz Switching Frequency
• <300μA Quiescent Current at Light Load
Mode
• Supports High-side and Low-side
Rectification
• Power Savings of Up to 1.5W in a Typical
Notebook Adapter
APPLICATIONS
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
• Flyback Converters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6902DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6902DS MPS-MP6902DS Datasheet
170Kb / 4P
High Efficiency Synchronous Rectification EV Board
MP6902DS MPS-MP6902DS Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
More results

Similar Description - MP6902DS

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
Fast Turn-off Thyristor
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
Fast Turn-off Thyristor
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
Fast Turn-off Intelligent Controller
MP6910 MPS-MP6910 Datasheet
202Kb / 10P
Fast Turn-off Intelligent Rectifier
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
logo
ZHEJIANG HUAJING RECTIF...
KK1500A HUAJING-KK1500A Datasheet
206Kb / 3P
Fast Turn-off Thyhristor
KK2000A HUAJING-KK2000A Datasheet
223Kb / 3P
Fast Turn-off Thyhristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com