Electronic Components Datasheet Search
  English  ▼

X  

MP6903DS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6903DS
Description  Fast Turn-off Intelligent Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6903DS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6903DS Datasheet HTML 2Page - Monolithic Power Systems MP6903DS Datasheet HTML 3Page - Monolithic Power Systems MP6903DS Datasheet HTML 4Page - Monolithic Power Systems MP6903DS Datasheet HTML 5Page - Monolithic Power Systems MP6903DS Datasheet HTML 6Page - Monolithic Power Systems MP6903DS Datasheet HTML 7Page - Monolithic Power Systems MP6903DS Datasheet HTML 8Page - Monolithic Power Systems MP6903DS Datasheet HTML 9Page - Monolithic Power Systems MP6903DS Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP6903- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6903 Rev. 1.04
www.MonolithicPower.com
7
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Figure 1: Functional Block Diagram
OPERATION
The MP6903 supports operation in discontinuous
current mode (DCM), continuous current mode
(CCM), and critical conduction mode (CrCM)
condition. Operating in either a DCM or CrCM
condition, the control circuitry controls the gate in
forward mode and will turn the gate off when the
MOSFET current goes low. In CCM operation,
the control circuitry turns off the gate when very
fast transients occur.
Blanking
The control circuitry contains a blanking function.
When the MOSFET turns on or off, the blanking
function ensures that the previous state extends
for some minimum time period. The turn-on
blanking time is ~0.8µs. During the turn-on
blanking period, the turn-off threshold is not
totally blanked, but changes the threshold
voltage to approximately 100mV (instead of 0mV).
This assures that the part can always turn off
even during the turn-on blanking period. (The
synchronous period is recommended to be
greater than 0.8μs in CCM in the LLC Converter
to avoid shoot-through.)
VD Clamp
A high-voltage JFET is used at the input because
VD can go as high as 180V. To avoid excessive
currents when VG goes below -0.7V, add a small
resistor between VD and the drain of the external
MOSFET.
Under-Voltage Lockout (UVLO)
When VDD drops below the UVLO threshold, the
part goes into sleep mode and a 10kΩ resistor
pulls the VG pin low.
Enable pin
EN is internal pulled up by the regulator from VDD
with a ~15uA current source. Leave this pin open
if unused.
When use external signal to control EN, it is
highly recommended the pull down current be
larger than 15uA to make sure the EN pin can be
pulled to low.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com