Electronic Components Datasheet Search
  English  ▼

X  

MP6922DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6922DN
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6922DN Datasheet HTML 3Page - Monolithic Power Systems MP6922DN Datasheet HTML 4Page - Monolithic Power Systems MP6922DN Datasheet HTML 5Page - Monolithic Power Systems MP6922DN Datasheet HTML 6Page - Monolithic Power Systems MP6922DN Datasheet HTML 7Page - Monolithic Power Systems MP6922DN Datasheet HTML 8Page - Monolithic Power Systems MP6922DN Datasheet HTML 9Page - Monolithic Power Systems MP6922DN Datasheet HTML 10Page - Monolithic Power Systems MP6922DN Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP6922—DUAL FAST TURN-OFF INTELLIGENT CONTROLLER
MP6922 Rev. 1.23
www.MonolithicPower.com
7
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
VDD
EN
VD1
VS1
VD2
VG1
VG2
PGND
VS2
RCP
LL
Figure 1—Functional Block Diagram
OPERATION
The MP6922 supports operation in DCM, CCM
and CrCM condition. Operating in either a DCM
or CrCM condition, the control circuitry controls
the gate in forward mode and will turn the gate
off when the MOSFET current is fairly low. In
CCM operation, the control circuitry turns off the
gate when very fast transients occur.
Blanking
The control circuitry contains blanking function.
When it pulls the MOSFET on/off, it makes sure
that the on/off state at least lasts for some time.
The turn on blanking time is ~1us, which
determines the minimum on-time. During the turn
on blanking period, the turn off threshold is not
totally blanked, but changed to ~+50mV (instead
of 0mV). This assures that the part can always
be turned off even during the turn on blanking
period. (Albeit slower, so it is not recommended
to set the synchronous period less than 1μs at
CCM condition in LLC converter, otherwise shoot
through may occur)
VD Clamp
Because VD1,2 can go as high as 180V, a High-
Voltage JFET is used at the input. To avoid
excessive currents when Vg goes below -0.7V, a
small resistor is recommended between VD1,2 pin
and the drain of the external MOSFET.
Under-Voltage Lockout (UVLO)
When VDD is below UVLO threshold, the part falls
into sleep mode and Vg is pulled down by a
10k
Ω resistor.
Enable pin
If EN is pulled low, the part is in sleep mode.
Thermal shutdown
If the junction temperature of the IC exceeds
150oC, Vg will be pulled low and the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com