Electronic Components Datasheet Search
  English  ▼

X  

MP6922DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6922DS
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922DS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6922DS Datasheet HTML 2Page - Monolithic Power Systems MP6922DS Datasheet HTML 3Page - Monolithic Power Systems MP6922DS Datasheet HTML 4Page - Monolithic Power Systems MP6922DS Datasheet HTML 5Page - Monolithic Power Systems MP6922DS Datasheet HTML 6Page - Monolithic Power Systems MP6922DS Datasheet HTML 7Page - Monolithic Power Systems MP6922DS Datasheet HTML 8Page - Monolithic Power Systems MP6922DS Datasheet HTML 9Page - Monolithic Power Systems MP6922DS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP6922—DUAL FAST TURN-OFF INTELLIGENT CONTROLLER
MP6922 Rev. 1.23
www.MonolithicPower.com
6
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VDD = 12V, unless otherwise noted.
Operation in 180W LLC
Converter
VIN=220Vac, VOUT=12V, IOUT=15A
Operation in 180W LLC
Converter
VIN=240Vac, VOUT=12V, IOUT=15A
VDS1
20V/div.
VGS1
5V/div.
VDS2
20V/div.
VGS2
5V/div.
VDS1
20V/div.
VGS1
5V/div.
VDS2
20V/div.
VGS2
5V/div.
VDS1
20V/div.
VGS1
5V/div.
VDS2
20V/div.
VGS2
5V/div.
Operation in 180W LLC
Converter
VIN=260Vac, VOUT=12V, IOUT=15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com