Electronic Components Datasheet Search
  English  ▼

X  

AD8072ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8072ARMZ
Description  Low Cost, Dual/Triple Video Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8072ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8072ARMZ Datasheet HTML 5Page - Analog Devices AD8072ARMZ Datasheet HTML 6Page - Analog Devices AD8072ARMZ Datasheet HTML 7Page - Analog Devices AD8072ARMZ Datasheet HTML 8Page - Analog Devices AD8072ARMZ Datasheet HTML 9Page - Analog Devices AD8072ARMZ Datasheet HTML 10Page - Analog Devices AD8072ARMZ Datasheet HTML 11Page - Analog Devices AD8072ARMZ Datasheet HTML 12Page - Analog Devices AD8072ARMZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
REV. D
AD8072/AD8073
–8–
1k
1k
RL
150
50
VIN
VOUT
0.1 F
0.1 F
0.001 F
0.001 F
10 F
10 F
+
+
VS
–VS
TPC 18. Test Circuit; Gain = +2
*
VS =
±2.5 V operation is identical to VS = 5 V single supply operation.
20ns
250mV
TPC 19. 2 V Step Response; G = +2, VS =
±5 V
20ns
50mV
TPC 20. 200 mV Step Response; G = +2, VS =
±5 V
20ns
1V
TPC 21. Sine Response; G = +2, VS =
±5 V
10ns
250mV
TPC 22. 2 V Step Response; G = +2, VS =
±2.5 V*
20ns
50mV
TPC 23. 200 mV Step Response; G = +2, VS =
±2.5 V*
20ns
250mV
TPC 24. Sine Response; G = +2, VS =
±2.5 V*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com