Electronic Components Datasheet Search
  English  ▼

X  

LSH20HTS Datasheet(PDF) 1 Page - saftbatteries

Part # LSH20HTS
Description  3.6 V Primary lithium-thionyl chloride High power and super robust D-size spiral cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LSH20HTS Datasheet(HTML) 1 Page - saftbatteries

  LSH20HTS Datasheet HTML 1Page - saftbatteries LSH20HTS Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High power and super robust
D-size spiral cell
Primary lithium battery
LSH 20 HTS
July 2010
Cell size references
R20 – D
Benefits
l
High drain/high pulses capable
l
Superior voltage response
l
Ability to perform reliably in
wide range temperature
environments (-60°C to +85°C)
with severe vibration/shock
constraints
l
High and stable operating voltage
l
Superior drain capability
l
Low self-discharge rate
(less than 3 % after 1 year of
storage at + 20°C)
Key features
l
Stainless steel container
l
Hermetic glass-to-metal sealing
l
Built-in safety vent
l
Finish with 5 A fuse
l
Non-flammable electrolyte
l
Ability to withstand
- axial vibration 20 GRMS 2-100 Hz
- radial vibration 30 GRMS 2-100 Hz
- sine 30 G peak 30 to 2000 Hz
- random 20 GRMS 30 to 1000 Hz
l
Restricted for transport (Class 9)
Main applications
l
Oil drilling and all downhole high
temperature environments
l
Measure While Drilling (MWD)
l
Oil and gas well monitoring
l
Military (ejection seat beacons, …)
l
Space vehicles
l
Launchers
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
11 Ah
(under 100 mA at +85°C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage (at + 20°C)
3.67 V
Nominal voltage
3.6 V
(under 3 mA at +85°C)
Nominal energy
39.6 Wh
(at +85°C)
Pulse capability : Typically up to 3000 mA.
(The voltage readings may vary according to the pulse characteristics, the temperature, and the
cell’s previous history. Fitting the cell with a capacitor may be recommended in severe conditions.
Consult Saft)
Maximum recommended continuous current
1000 mA
(at +85°C, to maintain cell heating within safe limits. Battery packs may
imply lower level of maximum current and may request specific thermal
protection. Consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Higher temperature possible. Battery packs may imply lower level
(-76°F/+185°F)
of maximum current and may request specific thermal protection.
Consult Saft)
Physical characteristics
Diameter (max)
33.4 mm (1.32 in)
Height (max)
61.6 mm (2.42 in)
Typical weight
100 g (3.5 oz)
Li metal content
approx. 4.0 g
Custom battery packs available on request.


Similar Part No. - LSH20HTS

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
logo
Micro Commercial Compon...
LSH20 MCC-LSH20 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
logo
saftbatteries
LSH20-150 SAFT-LSH20-150 Datasheet
441Kb / 2P
3.6 V Primary lithium-thionyl chloride D-sized cell for operation up to 150째C in demanding environments
logo
Rohm
LSH2001-AA10A ROHM-LSH2001-AA10A Datasheet
166Kb / 5P
Ultra-small multi-line sensor heads, covering the character recognition
LSH2001-AA10A ROHM-LSH2001-AA10A Datasheet
924Kb / 5P
Ultra-small Contact Image Sensor Heads, covering the character recognition
More results

Similar Description - LSH20HTS

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20-150 SAFT-LSH20-150 Datasheet
441Kb / 2P
3.6 V Primary lithium-thionyl chloride D-sized cell for operation up to 150째C in demanding environments
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com